Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN4550RGYQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TCAN4550RGYQ1
Description  CAN FD Controller with Integrated Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN4550RGYQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TCAN4550RGYQ1 Datasheet HTML 1Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 2Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 3Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 4Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 5Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 6Page - Texas Instruments TCAN4550RGYQ1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
20X (0.6)
20X (0.25)
14X (0.5)
(2.2)
(3.2)
4X
(4.3)
4X (0.75)
(1.35)
(3.3)
(0.85)
(R0.05) TYP
2X (0.75)
4X (0.25)
(4.2)
(
0.2) TYP
VIA
VQFN - 1 mm max height
RGY0020C
PLASTIC QUAD FLATPACK - NO LEAD
4223814/A 06/2017
SYMM
1
9
10
11
12
2
19
20
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
21
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
EXPOSED METAL
5
TCAN4550-Q1
www.ti.com
SLLSF56 – OCTOBER 2017
Product Folder Links: TCAN4550-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated


Similar Part No. - TCAN4550RGYQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN4550RGYR TI1-TCAN4550RGYR Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
TCAN4550RGYRQ1 TI1-TCAN4550RGYRQ1 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
TCAN4550RGYT TI1-TCAN4550RGYT Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
TCAN4550RGYTQ1 TI1-TCAN4550RGYTQ1 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
More results

Similar Description - TCAN4550RGYQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN4550 TI1-TCAN4550 Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
logo
Microchip Technology
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
   External CAN FD Controller with Integrated Transceiver
Revision A February 2022
logo
Holt Integrated Circuit...
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
   CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110 Datasheet
189Kb / 53P
   Avionics CAN Controller with Integrated Transceiver
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com