Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142IRNQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142IRNQR
Description  DisplayPort 8.1 Gbps Linear Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142IRNQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TDP142IRNQR Datasheet HTML 6Page - Texas Instruments TDP142IRNQR Datasheet HTML 7Page - Texas Instruments TDP142IRNQR Datasheet HTML 8Page - Texas Instruments TDP142IRNQR Datasheet HTML 9Page - Texas Instruments TDP142IRNQR Datasheet HTML 10Page - Texas Instruments TDP142IRNQR Datasheet HTML 11Page - Texas Instruments TDP142IRNQR Datasheet HTML 12Page - Texas Instruments TDP142IRNQR Datasheet HTML 13Page - Texas Instruments TDP142IRNQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
tr
tf
20%
80%
TIDLEExit
TIDLEEntry
IN+
IN-
Vcm
OUT+
OUT-
Vcm
VRX-LFPS-DET-DIFF-PP
IN
OUT
TDIFF_DLY
TDIFF_DLY
tBUF
tHDSTA
tR
tLOW
tHDDAT
tHIGH
tF
tSUDAT
tSUSTA
tHDSTA
tSUSTO
P
S
S
P
SDA
SCL
30%
70%
30%
70%
10
TDP142
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 6. I2C Timing Diagram Definitions
Figure 7. Propagation Delay
Figure 8. Electrical Idle Mode Exit and Entry Delay
Figure 9. Output Rise and Fall Times


Similar Part No. - TDP142IRNQR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP1401 VISHAY-TDP1401 Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001AUF VISHAY-TDP14011001AUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001BUF VISHAY-TDP14011001BUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001CUF VISHAY-TDP14011001CUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001DUF VISHAY-TDP14011001DUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
More results

Similar Description - TDP142IRNQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
[Old version datasheet]   DisplayPort Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
   Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com