Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP142IRNQT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142IRNQT
Description  DisplayPort 8.1 Gbps Linear Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142IRNQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP142IRNQT Datasheet HTML 7Page - Texas Instruments TDP142IRNQT Datasheet HTML 8Page - Texas Instruments TDP142IRNQT Datasheet HTML 9Page - Texas Instruments TDP142IRNQT Datasheet HTML 10Page - Texas Instruments TDP142IRNQT Datasheet HTML 11Page - Texas Instruments TDP142IRNQT Datasheet HTML 12Page - Texas Instruments TDP142IRNQT Datasheet HTML 13Page - Texas Instruments TDP142IRNQT Datasheet HTML 14Page - Texas Instruments TDP142IRNQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
INDP0p
INDP0n
INDP3p
INDP3n
I2C_EN
A0
TEST2/SDA
TEST1/SCL
VCC
AUXp
AUXn
OUTDP3n
OUTDP3p
SNOOPENZ/RSVD8
OUTDP2n
OUTDP2p
HPDIN/RSVD9
EQ
EQ
EQ
EQ
Driver
Driver
VREG
Control Logic and Registers
DPEQ_SEL
DPEQ_SEL
INDP1p
INDP1n
INDP2p
INDP2n
DPEN/HPDIN
Copyright © 2017, Texas Instruments Incorporated
DPEQ_SEL
DPEQ_SEL
DPEQ_SEL
OUTDP0p
OUTDP0n
Driver
OUTDP1p
OUTDP1n
Driver
DPEQ0/A1
DPEQ1
I2C
Slave
AUX
Snooping
11
TDP142
www.ti.com
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TDP142 is a DisplayPortTM linear re-driver that supports up to 8.1 Gbps for each lane. Additionally, its
transparency to the DP link training makes TDP142 a position independent device, suitable for source/sink or
cable application.
The TDP142 helps the system to pass compliance of both transmitter and receiver for DisplayPort version 1.4
HBR3. The re-driver recovers incoming data by applying equalization that compensates for channel loss, and
drives out signals with a high differential voltage. Each channel has a receiver equalizer with selectable gain
settings. The equalization should be set based on the amount of insertion loss before the TDP142 receivers. The
equalization control can be controlled by DPEQ[1:0] pins or I2C registers.
The device ultra-low-power architecture operates at a 3.3-V power supply and achieves enhanced performance.
Also, it comes in a commercial temperature range and industrial temperature range.
8.2 Functional Block Diagram


Similar Part No. - TDP142IRNQT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP1401 VISHAY-TDP1401 Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001AUF VISHAY-TDP14011001AUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001BUF VISHAY-TDP14011001BUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001CUF VISHAY-TDP14011001CUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
TDP14011001DUF VISHAY-TDP14011001DUF Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
More results

Similar Description - TDP142IRNQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
[Old version datasheet]   DisplayPort Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
   Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com