Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1043DQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1043DQ1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043DQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TCAN1043DQ1 Datasheet HTML 1Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 2Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 3Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 4Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 5Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 6Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 7Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 8Page - Texas Instruments TCAN1043DQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TXD
1
2
3
4
5
6
7
12
11
10
9
8
14
13
GND
VCC
RXD
VIO
EN
INH
nFAULT
WAKE
VSUP
NC
CANL
CANH
nSTB
TXD
GND
VCC
RXD
VIO
EN
INH
nFAULT
WAKE
VSUP
NC
CANL
CANH
nSTB
1
2
3
4
5
6
7
12
11
10
9
8
14
13
3
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
www.ti.com
SLLSEV0 – OCTOBER 2017
Product Folder Links: TCAN1043-Q1 TCAN1043H-Q1 TCAN1043HG-Q1 TCAN1043G-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NUMBER
BUS FAULT PROTECTION
MAXIMUM DATA RATE
TCAN1043-Q1
±58 V
2 Mbps
TCAN1043H-Q1
±70 V
2 Mbps
TCAN1043G-Q1
±58 V
5 Mbps
TCAN1043HG-Q1
±70 V
5 Mbps
6 Pin Configurations and Functions
D Package
14 Pin (SOIC)
Top View
DMT Package
14 Pin (VSON)
Top View
Pin Functions
PINS
TYPE
DESCRIPTION
NAME
NO
TXD
1
Digital Input
CAN transmit data input (LOW for dominant and HIGH for recessive bus states)
GND
2
GND
Ground connection
VCC
3
Supply
5-V CAN bus supply voltage
RXD
4
Digital Output
CAN receive data output (LOW for dominant and HIGH for recessive bus states), tri-state™
VIO
5
Supply
I/O supply voltage
EN
6
Digital Input
Mode control input, Enable Input, integrated pull down
INH
7
High Voltage
Output
Inhibit Output, controls system voltage regulators and supplies
nFAULT
8
Digital Output
Fault Output, inverted logic
WAKE
9
High Voltage Input
Wake Input terminal, high voltage input
VSUP
10
Supply
Reverse Blocked Battery supply input
NC
11
No Connect (Not Internally Connected)
CANL
12
Bus I/O
Low level CAN bus input/output line
CANH
13
Bus I/O
High level CAN bus lnput/output line
nSTB
14
Digital Input
Mode control input, Standby input, integrated pull down


Similar Part No. - TCAN1043DQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Similar Description - TCAN1043DQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com