Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1043HDMTTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1043HDMTTQ1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043HDMTTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCAN1043HDMTTQ1 Datasheet HTML 4Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 5Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 6Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 7Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 8Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 9Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 10Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 11Page - Texas Instruments TCAN1043HDMTTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
SLLSEV0 – OCTOBER 2017
www.ti.com
Product Folder Links: TCAN1043-Q1 TCAN1043H-Q1 TCAN1043HG-Q1 TCAN1043G-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions with TA = –55°C to 150°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ILKG(OFF)
Unpowered leakage current
nSTB = 5.5 V, VCC = 0V, VIO = 0 V
–1
0
1
µA
EN TERMINAL (ENABLE MODE INPUT)
VIH
High level input voltage
0.7 VIO
V
VIL
Low level input voltage
0.3 VIO
V
IIH
High level input leakage current
EN = VCC = VIO = 5.5 V
1
10
µA
IIL
Low level input leakage current
EN = 0 V, VCC = VIO = 5.5 V
–1
1
µA
ILKG(OFF)
Unpowered leakage current
EN = 5.5 V, VCC = 0V, VIO = 0 V
–1
0
1
µA
INH TERMINAL (INHIBIT OUTPUT)
ΔVH
High level voltage drop INH with respect to VSUP
IINH = –0.5 mA
0.5
1
V
ILKG(INH)
Leakage current
INH = 0 V, Sleep Mode
-5
5
µA
Wake TERMINAL (WAKE INPUT)
VIH
High level input voltage
Standby and Sleep Mode
VSUP - 2
V
VIL
Low level input voltage
Standby and Sleep Mode
VSUP - 3
V
IIH
High level input current
WAKE = VSUP – 1 V
–25
–15
µA
IIL
Low level input current
WAKE = 1 V
15
25
µA


Similar Part No. - TCAN1043HDMTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Similar Description - TCAN1043HDMTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com