Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1043HDQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1043HDQ1
Description  Fault Protected CAN Transceiver with CAN FD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1043HDQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCAN1043HDQ1 Datasheet HTML 3Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 4Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 5Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 6Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 7Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 8Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 9Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 10Page - Texas Instruments TCAN1043HDQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
TCAN1043-Q1, TCAN1043H-Q1, TCAN1043HG-Q1, TCAN1043G-Q1
www.ti.com
SLLSEV0 – OCTOBER 2017
Product Folder Links: TCAN1043-Q1 TCAN1043H-Q1 TCAN1043HG-Q1 TCAN1043G-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions with TA = –55°C to 150°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VSYM_DC
Output symmetry (dominant or recessive)
See Figure 6 and Figure 21,normal or silent
mode, RL = 60 Ω, CL = open, RCM =
open;
VSYM = VCC - VO(CANH) - VO(CANL)
–400
400
mV
IOS(DOM)
short circuit steady-state output current,
Dominant
See Figure 20 and Figure 12 VCANH = -5 V,
CANL = open, TXD = 0 V
–100
mA
See Figure 20 and Figure 12, VCANL = 40 V,
CANH = open, TXD = 0 V
100
IOS(REC)
Short circuit steady-state output current,
Recessive
See Figure 20 and Figure 12,
–27 V
≤ VBUS ≤ 32 V, VBUS = CANH =
CANL, TXD = VIO
–5
5
mA
VO(STB)
Bus output voltage
(Standby mode)
CANH
STB = VCC or VIO, RL = open,
RCM = open
–0.1
0
0.1
V
CANL
–0.1
0
1
CANH-CANL
–0.2
0
0.2
Receiver Electrical Characteristics
VCM
Common Mode Range: Normal, and Silent
modes
See Figure 7 and Table 5
-30
30
V
VIT
Input threshold voltage, Normal mode and Silent
modes
See Figure 7 and Table 5, VCM ≤ ±20 V
500
900
mV
See Figure 7 and Table 5, VCM ≤ ±30 V
400
1000
VHYS
Hysteresis voltage for input threshold, Normal
and Silent modes
See Figure 7 and Table 5
120
VIT(Sleep)
Input Threshold, standby mode
See and Table 5
400
1150
mV
VCM
Common Mode Range: Standyby, Go-to-Sleep
and Sleep modes
See Figure 7 and Table 5
-12
12
V
IIOFF(LKG)
Power-off (unpowered) bus input leakage current
CANH = CANL = 5 V, VCC to GND via 0
ohm or 47 kΩ resistor. VIO = to GND via 0 Ω
or 47 kΩ resistor. VSUP = 0 V (47 kΩ case
by characterization and design)
4.8
µA
CI
Input capacitance to ground (CANH or CANL)
By Characterization and Design
24
30
pF
CID
Differential input capacitance
By Characterization and Design
12
15
RID
Differential input resistance
TXD = VCC = VIO, Normal mode; -30 ≤ VCM
≤ +30V
30
80
k
RIN
Input resistance (CANH or CANL)
15
40
RIN(M)
Input resistance matching:
[1 – RIN(CANH) / RIN(CANL)] × 100%
V(CANH) = V(CANL) = 5V
–2
2
%
RCBF
Valid Differential load impedance range for bus
fault circuitry
RCM = RL, CL = open
45
70
Ω
TXD TERMINAL (CAN TRANSMIT DATA INPUT)
VIH
High level input voltage
0.7 VIO
V
VIL
Low level input voltage
0.3 VIO
V
IIH
High level input leakage current
TXD = VCC = VIO = 5.5 V
–2.5
0
1
µA
IIL
Low level input leakage current
TXD = 0 V, VCC = VIO = 5.5 V
–100
–5
µA
ILKG(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = VIO = 0 V
–1
0
1
µA
CI
Input Capacitance
VIN = 0.4 x sin(2 x π x 2E + 6 x t) + 2.5 V
5
pF
RXD TERMINAL (CAN RECEIVE DATA OUTPUT)
VOH
High level output voltage
See Figure 5, IO = –2 mA.
0.8 VIO
V
VOL
Low level output voltage – IO level shifting
version
See Figure 5, IO = 2 mA.
0.2 VIO
V
nFAULT TERMINAL (FAULT AND STATUS OUTPUT)
VOH
High level output voltage
See Figure 5, IO = –2 mA.
0.8 VIO
V
VOL
Low level output voltage – IO level shifting
version
See Figure 5 IO = 2 mA.
0.2 VIO
V
nSTB TERMINAL (STANDBY MODE INPUT)
VIH
High level input voltage
0.7 VIO
V
VIL
Low level input voltage
0.3 VIO
V
IIH
High level input leakage current
nSTB = VCC = VIO = 5.5 V
1
10
µA
IIL
Low level input leakage current
nSTB = 0 V, VCC = VIO = 5.5 V
–1
1
µA


Similar Part No. - TCAN1043HDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results

Similar Description - TCAN1043HDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com