Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA2024IRUGT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLA2024IRUGT
Description  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2024IRUGT Datasheet(HTML) 1 Page - Texas Instruments

  TLA2024IRUGT Datasheet HTML 1Page - Texas Instruments TLA2024IRUGT Datasheet HTML 2Page - Texas Instruments TLA2024IRUGT Datasheet HTML 3Page - Texas Instruments TLA2024IRUGT Datasheet HTML 4Page - Texas Instruments TLA2024IRUGT Datasheet HTML 5Page - Texas Instruments TLA2024IRUGT Datasheet HTML 6Page - Texas Instruments TLA2024IRUGT Datasheet HTML 7Page - Texas Instruments TLA2024IRUGT Datasheet HTML 8Page - Texas Instruments TLA2024IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
3.3 V
3.3 V
TLA2024
AIN0
AIN1
AIN3
Mux
Oscillator
PGA
12-Bit
û¯
ADC
Voltage
Reference
GND
VDD
I
2C
Interface
SDA
ADDR
SCL
AIN2
3.3 V
I
2C Bus
Analog Output
Temperature
Sensor IC
Current
Sense
Amplifier
RSHUNT
Power Supply
Monitoring
RBIAS
Thermistor
3.3 V
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLA2021, TLA2022, TLA2024
SBAS846 – NOVEMBER 2017
TLA202x Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
1
1 Features
1
Industry’s Lowest-Cost 12-Bit Delta-Sigma ADCs
Ultra-Small X2QFN Package: 2 mm × 1.5 mm
Highly Integrated:
4 Single-Ended or 2 Differential Inputs Make
the TLA2024 the Industry’s Highest Channel
Density ADC (0.75 mm² per Channel)
PGA (TLA2022 and TLA2024 Only)
Voltage Reference
Oscillator
Low Current Consumption: 150 µA
Wide Supply Range: 2 V to 5.5 V
Programmable Data Rate: 128 SPS to 3.3 kSPS
I2C™ Compatible Interface:
Supports Standard-Mode and Fast-Mode
Three Pin-Selectable I2C Addresses
Operating Temperature Range: –40°C to +85°C
2 Applications
Personal Electronics:
TVs, Tablets, Cell Phones
Wearables
Drones, Toys
Home and Kitchen Appliances
Building Automation:
HVACs, Smoke Detectors
Battery Voltage and Current Monitoring
Temperature Sensing
Battery-Powered, Portable Instrumentation
3 Description
The TLA2021, TLA2022, and TLA2024 devices
(TLA202x) are easy-to-use, low-power, 12-bit delta-
sigma
(ΔΣ)
analog-to-digital
converters
(ADCs)
targeted
for
any
type
of
system-monitoring
applications (such as supply or battery voltage
supervision,
current
sensing,
or
temperature
measurements). Offered in an ultra-small, leadless,
10-pin X2QFN package, the TLA2021 and TLA2022
are single-channel ADCs while the TLA2024 features
a flexible input multiplexer (MUX) with two differential
or four single-ended input measurement options.
The TLA202x integrate a voltage reference and
oscillator. Additionally, the TLA2022 and TLA2024
include a programmable gain amplifier (PGA) with
selectable input ranges from ±256 mV to ±6.144 V,
enabling both large- and small-signal measurements.
The TLA202x communicate via an I2C-compatible
interface and operate in either continuous or single-
shot conversion mode. The devices automatically
power down after one conversion in single-shot
conversion
mode,
significantly
reducing
power
consumption during idle periods.
All of these features, along with a wide operating
supply voltage range, make the TLA202x suitable for
power- and space-constrained, system-monitoring
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLA2021
X2QFN (10)
1.50 mm × 2.00 mm
TLA2022
TLA2024
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
System-Monitoring Application Example


Similar Part No. - TLA2024IRUGT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

Similar Description - TLA2024IRUGT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com