Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLIN1029-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLIN1029-Q1
Description  Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1029-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLIN1029-Q1 Datasheet HTML 1Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 2Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 3Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 4Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 5Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 6Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 7Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 8Page - Texas Instruments TLIN1029-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LIN Controller
or
SCI/UART
VDD
VDD
VDD
VSUP
VSUP
VDD I/O
EN
RXD
TXD
MCU w/o
pullup
VSUP
MCU
GND
I/O
VREG
LIN
INH
1 k
Ÿ
LIN Bus
Master Node
Pullup
5
6
3
7
8
1
4
2
220 pF
VBAT
NC
NC
Copyright © 2017, Texas Instruments Incorporated
LIN Controller
or
SCI/UART
VDD
VDD
VDD
VSUP
VSUP
VDD I/O
EN
RXD
TXD
MCU w/o
pullup
VSUP
MCU
GND
I/O
VREG
LIN
LIN Bus
5
6
3
7
8
1
4
2
220 pF
VBAT
NC
NC
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TLIN1029-Q1
SLLSEY5 – OCTOBER 2017
TLIN1029-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications
Device Temperature: –40°C to 125°C Ambient
Device HBM Certification Level: ±8 kV
Device CDM Certification Level: ±1.5 kV
Complaint to LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A,
ISO/DIS 17987–4.2 and IBEE Zwickau
Conforms to SAEJ2602 Recommended Practice
for LIN
Supports 12 V Applications
LIN Transmit Data Rate up to 20 kbps.
Wide Operating Ranges
4 V to 36 V Supply Voltage
±45 V LIN Bus Fault Protection
Sleep Mode: Ultra-Low Current Consumption
Allows Wake-Up Event From:
LIN Bus
Local Wake up through EN
Power Up and Down Glitch Free Operation
Protection Features:
Under Voltage Protection on VSUP
TXD Dominant Time Out Protection (DTO)
Thermal Shutdown Protection
Unpowered Node or Ground Disconnection
Failsafe at System Level.
Available in SOIC (8) Package and Leadless
VSON (8) Package with Improved Automated
Optical Inspection (AOI) Capability
2 Applications
Body Electronics and Lighting
Infotainment and Cluster
Hybrid Electric Vehicles and Power Train Systems
Passive Safety
Appliances
3 Description
The TLIN1029-Q1 is a Local Interconnect Network
(LIN) physical layer transceiver with integrated wake-
up and protection features, complaint to LIN 2.0, LIN
2.1, LIN 2.2, LIN 2.2A, ISO/DIS 17987–4.2 and IBEE
Zwickau standards. LIN is a single wire bidirectional
bus typically used for low speed in-vehicle networks
using data rates up to 20 kbps. The TLIN1029-Q1 is
designed to support 12 V applications with wider
operating voltage and additional bus-fault protection.
The LIN receiver supports data rates up to 100 kbps
for in-line programming. The TLIN1029-Q1 converts
the LIN protocol data stream on the TXD input into a
LIN bus signal using a current-limited wave-shaping
driver
which
reduces
electromagnetic
emissions
(EME). The receiver converts the data stream to logic
level signals that are sent to the microprocessor
through the open-drain RXD pin. Ultra-low current
consumption is possible using the sleep mode which
allows wake-up via LIN bus or pin. The integrated
resistor, ESD and fault protection allows designers to
save board space in their applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLIN1029-Q1
SOIC (D) (8)
4.90 mm x 6.00 mm
VSON (DRB) (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematics, Master Mode
Simplified Schematics, Slave Mode


Similar Part No. - TLIN1029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results

Similar Description - TLIN1029-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN2029-Q1 TI1-TLIN2029-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com