Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLIN1029DRBRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLIN1029DRBRQ1
Description  Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1029DRBRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLIN1029DRBRQ1 Datasheet HTML 2Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 3Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 4Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 5Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 6Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 7Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 8Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 9Page - Texas Instruments TLIN1029DRBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TLIN1029-Q1
SLLSEY5 – OCTOBER 2017
www.ti.com
Product Folder Links: TLIN1029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low level output voltage
LIN dominant, TXD = low, VSUP =
7 V to 36 V
0.2 x
VSUP
V
LIN dominant, TXD = low, VSUP =
4 V
≤ VOL < 7 V
1.2
VSUP_NON_OP
VSUP where Impact of recessive
LIN bus < 5% (ISO/DIS 17987
Param 11)
TXD & RXD open LIN = 4 V to 45
V
–0.3
45
V
I BUS_LIM
Limiting current (ISO/DIS 17987
Param 12)
TXD = 0 V, VLIN = 18 V, RMEAS =
440
Ω, VSUP = 18 V ,
VBUSdom < 4.518 V Figure 13
40
90
200
mA
I BUS_PAS_dom
Receiver leakage current,
dominant (ISO/DIS 17987 Param
13)
LIN = 0 V, VSUP = 12 V Driver
off/recessive Figure 14
–1
mA
I BUS_PAS_rec1
Receiver leakage current,
recessive (ISO/DIS 17987 Param
14)
LIN
≥ VSUP, 4 V ≤ VSUP ≤ 36 V
Driver off; Figure 15
20
µA
I BUS_PAS_rec2
Receiver leakage current,
recessive (ISO/DIS 17987 Param
14)
LIN = VSUP, Driver off; Figure 15
–5
5
µA
I BUS_NO_GND
Leakage current, loss of ground
(ISO/DIS 17987 Param 15)
GND = VSUP, VSUP = 18 V , LIN =
0 V; Figure 16
–1
1
mA
IBUS_NO_BAT
Leakage current, loss of supply
(ISO/DIS 17987 Param 16)
LIN = 18 V, VSUP = GND;
Figure 17
5
µA
VBUSdom
Low level input voltage (ISO/DIS
17987 Param 17)
LIN dominant (including LIN
dominant for wake up) Figure 11,
Figure 10
0.4 ×
VSUP
V
VBUSrec
High level input voltage (ISO/DIS
17987 Param 18)
Lin recessive Figure 11,
Figure 10
0.6 x
VSUP
V
VBUS_CNT
Receiver center threshold
(ISO/DIS 17987 Param 19)
VBUS_CNT = (VIL + VIH)/2
Figure 11, Figure 10
0.475 x
VSUP
0.5 x
VSUP
0.525 x
VSUP
V
VHYS
Hysteresis voltage (ISO/DIS
17987 Param 20)
VHYS = (VIL - VIH) Figure 11,
Figure 10
0.05 x
VSUP
0.175 x
VSUP
V
VSERIAL_DIODE
Serial diode LIN term pull-up path
(ISO/DIS 17987 Parameters 21)
0.4
0.7
1.0
V
RSLAVE
Pull-up resistor to VSUP (ISO/DIS
17987 Parameters 26)
Normal and Standby modes
20
45
60
k
IRSLEEP
Pull-up current source to VSUP
Sleep mode, VSUP = 14 V , LIN =
GND
–2
–20
µA
CLIN,PIN
Capacitance of the LIN pin
45
pF
EN INPUT PIN
VIL
Low level input voltage
–0.3
0.8
V
VIH
High level input voltage
2
5.5
V
VHYS
Hysteresis voltage
By design and characterization
50
500
IIL
Low level input current
EN = Low
–5
0
5
µA
REN
Internal pull-down resistor
125
350
800
k
AC Characteristics
D112V
Duty Cycle 1 (ISO/DIS 17987
Param 27)
THREC(MAX) = 0.744 x VSUP,
THDOM(MAX) = 0.581 x VSUP,
VSUP = 7 V to 18 V, tBIT = 50 µs
(20 kbps),
D1 = tBUS_rec(min)/(2 x tBIT) (See
Figure 18, Figure 19)
0.396


Similar Part No. - TLIN1029DRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029DRBRQ1 TI1-TLIN1029DRBRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results

Similar Description - TLIN1029DRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN2029-Q1 TI1-TLIN2029-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com