Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLIN1029DRBTQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLIN1029DRBTQ1
Description  Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1029DRBTQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLIN1029DRBTQ1 Datasheet HTML 1Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 2Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 3Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 4Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 5Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 6Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 7Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 8Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TLIN1029-Q1
www.ti.com
SLLSEY5 – OCTOBER 2017
Product Folder Links: TLIN1029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Power Supply Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VSUP
Operational supply voltage (ISO/DIS
17987 Param 10, 53)
Device is operational beyond the
LIN defined nominal supply voltage
range See Figure 8 and Figure 9
4
36
V
VSUP
Nominal supply voltage (ISO/DIS
17987 Param 10, 53): Normal
Mode: Ramp VSUP while LIN signal
is a 10 kHz square wave with 50 %
duty cycle and 18V swing. Watch
RXD
Normal and Standby Modes: Ramp
VSUP while LIN signal is a 10 kHz
square wave with 50 % duty cycle
and 18 V swing. See Figure 8 and
Figure 9
4
27
V
Sleep Mode
4
36
V
UVSUP
Under voltage VSUP threshold
3
3.85
V
UVHYS
Delta hysteresis voltage for VSUP
under voltage threshold
0.2
V
ICC
Supply current
Normal Mode: EN = high, bus
dominant; total bus load where RLIN
≥ 500 Ω and CLIN ≤ 10 nF (See
Figure 14),
1
5
mA
Standby Mode: EN = low, bus
dominant; total bus load where RLIN
≥ 500 Ω and CLIN ≤ 10 nF (See
Figure 14),
1
2.1
mA
ICC
Supply current
Normal Mode: EN = high,
Bus recessive: LIN = VSUP,
300
650
µA
Standby Mode: EN = low, bus
recessive: LIN = VSUP,
10
30
µA
Sleep Mode: 4.0 V < VSUP ≤ 14 V,
LIN = VSUP, EN – 0 V, TXD and
RXD floating
8
12
µA
Sleep Mode: 14 V < VSUP ≤ 36 V,
LIN = VSUP, EN – 0 V, TXD and
RXD floating
20
µA
PD
Power dissipation in normal mode
(dominant)
mW
TSD
Thermal shutdown temperature
165
°C
TSD(HYS)
Thermal shutdown hysteresis
25
°C
6.7 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RXD OUTPUT PIN (OPEN DRAIN)
VOL
Output Low voltage
Based upon external pull-up to
VCC
0.6
V
IOL
Low level output current, open
drain
LIN = 0 V, RXD = 0.4 V
1.5
mA
IILG
Leakage current, high-level
LIN = VSUP, RXD = 5 V
–5
0
5
µA
TXD INPUT PIN
VIL
Low level input voltage
–0.3
0.8
V
VIH
High level input voltage
2
5.5
V
IIL
Low level input leakage current
TXD = low
–5
0
5
µA
RTXD
Internal pull-down resistor value
125
350
800
k
LIN PIN (REFERENCED TO VSUP)
VOH
High level output voltage
LIN recessive, TXD = high, IO = 0
mA, VSUP = 7 V to 36 V
0.85 x
VSUP
V
LIN dominant, TXD = high, VSUP
= 4 V
≤ VOH < 7 V
3.0
V


Similar Part No. - TLIN1029DRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029DRBTQ1 TI1-TLIN1029DRBTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results

Similar Description - TLIN1029DRBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN2029-Q1 TI1-TLIN2029-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com