Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV313QDCKTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV313QDCKTQ1
Description  Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV313QDCKTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV313QDCKTQ1 Datasheet HTML 6Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 7Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 8Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 9Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 10Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 11Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 12Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 13Page - Texas Instruments TLV313QDCKTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TLV313-Q1
SBOS884 – OCTOBER 2017
www.ti.com
Product Folder Links: TLV313-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Typical Characteristics: Table of Graphs
Table 1. Table of Graphs
TITLE
FIGURE
Open-Loop Gain and Phase vs Frequency
Figure 1
Quiescent Current vs Supply Voltage
Figure 2
Offset Voltage Production Distribution
Figure 3
Offset Voltage vs Common-Mode Voltage (Maximum Supply)
Figure 4
CMRR and PSRR vs Frequency (RTI)
Figure 5
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 6
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 7
Input Bias and Offset Current vs Temperature
Figure 8
Open-Loop Output Impedance vs Frequency
Figure 9
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 10
Output Voltage Swing vs Output Current (Over Temperature)
Figure 11
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (1.8 V)
Figure 12
Small-Signal Step Response, Noninverting (1.8 V)
Figure 13
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 14
Large-Signal Step Response, Noninverting (1.8 V)
Figure 15
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 16
No Phase Reversal
Figure 17
EMIRR IN+ vs Frequency
Figure 18


Similar Part No. - TLV313QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313QDCKTQ1 TI1-TLV313QDCKTQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results

Similar Description - TLV313QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313-Q1 TI1-TLV313-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313 TI1-TLV313 Datasheet
2Mb / 39P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
TLV9001 TI1-TLV9001_18 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com