Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1704AQPWQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1704AQPWQ1
Description  2.2-V to 36-V, microPower Comparator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1704AQPWQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1704AQPWQ1 Datasheet HTML 6Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 7Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 8Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 9Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 10Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 11Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 12Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 13Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
IN+
IN+
IN-
IN-
OUT
V+
V-
10
TLV1701-Q1, TLV1702-Q1, TLV1704-Q1
SLOS890B – NOVEMBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TLV1701-Q1 TLV1702-Q1 TLV1704-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TLV170x-Q1 comparator features rail-to-rail input and output on supply voltages as high as 36 V. The rail-to-
rail input stage enables detection of signals close to the supply and ground. The open-collector configuration
allows the device to be used in wired-OR configurations, such as a window comparator. A low supply current of
55 μA per channel with small, space-saving packages, makes these comparators versatile for use in a wide
range of applications, from portable to industrial.
8.2 Functional Block Diagram


Similar Part No. - TLV1704AQPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704AQPWQ1 TI1-TLV1704AQPWQ1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1704AQPWQ1 TI1-TLV1704AQPWQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1704AQPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com