Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1704AQPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1704AQPWRQ1
Description  2.2-V to 36-V, microPower Comparator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1704AQPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1704AQPWRQ1 Datasheet HTML 4Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 9Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 10Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 11Page - Texas Instruments TLV1704AQPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
20p
200p
2n
Output Capacitive Load (F)
2.2 V Supply
“18 V Supply
C020
t
PLH
t
PHL
200n
400n
600n
800n
1000n
1200n
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature ( C)
18 V Low-to-High
18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
C012
Supply Voltage (V)
0
6
12
18
24
30
36
-3
-2
-1
0
1
2
3
D001
200n
400n
600n
800n
1000n
0
200
400
600
800
1000
Input Overdrive (mV)
“18 V Low-to-High
“18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
C020
8
TLV1701-Q1, TLV1702-Q1, TLV1704-Q1
SLOS890B – NOVEMBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TLV1701-Q1 TLV1702-Q1 TLV1704-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RPULLUP = 5.1 kΩ, and input overdrive = 100 mV (unless otherwise noted)
16 typical units shown
Figure 7. Offset Voltage vs Supply Voltage
Figure 8. Propagation Delay vs Input Overdrive
Figure 9. Propagation Delay vs Capacitive Load
VOD = 100 mV
Figure 10. Propagation Delay vs Temperature
VS = 36 V
Overdrive = 100 mV
Figure 11. Propagation Delay (TpLH)
VS = 36 V
Overdrive = 100 mV
Figure 12. Propagation Delay (TpHL)


Similar Part No. - TLV1704AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704AQPWRQ1 TI1-TLV1704AQPWRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1704AQPWRQ1 TI1-TLV1704AQPWRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1704AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com