Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1702 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702
Description  2.2-V to 36-V, microPower Comparator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1702 Datasheet(HTML) 4 Page - Texas Instruments

  TLV1702 Datasheet HTML 1Page - Texas Instruments TLV1702 Datasheet HTML 2Page - Texas Instruments TLV1702 Datasheet HTML 3Page - Texas Instruments TLV1702 Datasheet HTML 4Page - Texas Instruments TLV1702 Datasheet HTML 5Page - Texas Instruments TLV1702 Datasheet HTML 6Page - Texas Instruments TLV1702 Datasheet HTML 7Page - Texas Instruments TLV1702 Datasheet HTML 8Page - Texas Instruments TLV1702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1
2
3
4
5
6
7
1IN±
1IN+
2IN±
2IN+
V+
1OUT
2OUT
4IN±
3IN+
3IN±
V-
4OUT
3OUT
4IN+
14
13
12
11
10
9
8
1
2
3
4
8
7
6
5
V+
2OUT
2IN±
2IN+
1OUT
1IN±
1IN+
V-
1
2
3
5
4
V+
OUT
IN+
V-
IN±
4
TLV1701-Q1, TLV1702-Q1, TLV1704-Q1
SLOS890B – NOVEMBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TLV1701-Q1 TLV1702-Q1 TLV1704-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
TLV1701-Q1 DBV Package
5-Pin SOT-23
Top View
TLV1702-Q1 DGK Package
8-Pin VSSOP
Top View
TLV1704-Q1 PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLV1701-Q1
DBV
TLV1702-Q1
DGK
TLV1704-Q1
PW
IN+
1
I
Noninverting input
1IN+
3
5
I
Noninverting input, channel 1
2IN+
5
7
I
Noninverting input, channel 2
3IN+
9
I
Noninverting input, channel 3
4IN+
11
I
Noninverting input, channel 4
IN–
3
I
Inverting input
1IN–
2
4
I
Inverting input, channel 1
2IN–
6
6
I
Inverting input, channel 2
3IN–
8
I
Inverting input, channel 3
4IN–
10
I
Inverting input, channel 4
OUT
4
O
Output
1OUT
1
2
O
Output, channel 1
2OUT
7
1
O
Output, channel 2
3OUT
14
O
Output, channel 3
4OUT
13
O
Output, channel 4
V+
5
8
3
Positive (highest) power supply
V–
2
4
12
Negative (lowest) power supply


Similar Part No. - TLV1702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702 TI1-TLV1702 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1702 TI1-TLV1702 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com