Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25VB40 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # S25VB40
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

S25VB40 Datasheet(HTML) 1 Page - Suntan Capacitors

  S25VB40 Datasheet HTML 1Page - Suntan Capacitors S25VB40 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
S25VB005 THRU S25VB100
SINGLE-PHASE BRIDGE RECTIFIER
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 25 Ampere
F E A T U R E S
◆Rating to 1000V PRV
◆High efficiency
◆Glass passivated chip junction
Electrically isolated metal case for maximum heat
Dissipation
The plastic material has UL flammability
classification 94V-0
Electrically isolated base-2500 Vlots
Mechanical Data
◆Case : Molded plastic with Heatsink internally mounted
in the bridge encapsulation
◆Polarity : As marked on Body
◆Mounting : Hole for # 10 screw
◆Weight : 0.70 ounces , 20 grams (terminal)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
S25VB
005
S25VB
10
S25VB
20
S25VB
40
S25VB
60
S25VB
80
S25VB
100
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRRM
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@Tc=Ta
I(AV)
25.0
A
Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
IFSM
350
A
Maximum Forward Voltage at 12.5A DC
VF
1.05
V
Maximum DC Reverse Current
@ TJ=25℃
atrated DC blocking voltage
@ TJ=125℃
IR
5.0
500
mA
I
2t Rating for Fusing(t<8.3ms)
I
2t
370
A
2S
Typical Junction Capacitance per element (Note 2)
CJ
150
pF
Typical Thermal Resistance
RθJC
1.4
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note:
1. Measured at non-repetitive, for greater than 1ms and less than 8.3ms
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
S35
Dimensions in inches and (millimeters)


Similar Part No. - S25VB40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S25VB40 LRC-S25VB40 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Shindengen Electric Mfg...
S25VB40 SHINDENGEN-S25VB40 Datasheet
158Kb / 1P
   SEMICONDUCTOR
logo
Yangzhou yangjie electr...
S25VB40 YANGJIE-S25VB40 Datasheet
91Kb / 2P
   Bridge Rectifier
logo
Leshan Radio Company
S25VB40 LRC-S25VB40 Datasheet
223Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Kingtronics Internation...
S25VB40 KINGTRONICS-S25VB40 Datasheet
362Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
More results

Similar Description - S25VB40

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
GBJ20005 SUNTAN-GBJ20005 Datasheet
238Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC35005 SUNTAN-GBPC35005 Datasheet
256Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC50005W SUNTAN-GBPC50005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU15005 SUNTAN-GBU15005 Datasheet
206Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
S50VB005 SUNTAN-S50VB005 Datasheet
243Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 SUNTAN-GBJ801 Datasheet
258Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ10005 SUNTAN-GBJ10005 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ15005 SUNTAN-GBJ15005 Datasheet
259Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ35005 SUNTAN-GBJ35005 Datasheet
239Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC15005W SUNTAN-GBPC15005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6005 SUNTAN-GBU6005 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com