Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3544QPWRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3544QPWRQ1
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3544QPWRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3544QPWRQ1 Datasheet HTML 3Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 4Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 9Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 10Page - Texas Instruments TLV3544QPWRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Frequency (Hz)
10M
1M
100M
1G
100k
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
V = 0.1V
O
PP
G = +1
R = 25
F
W
G = +2
R = 604
F
W
2
1
3
4
0
-50
-60
-70
-80
-90
-100
Output Voltage (V
)
PP
G = 1
f = 1MHz
R = 200
-
W
L
2nd Harmonic
3rd Harmonic
Time (20ns/div)
Time (20ns/div)
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
V = 0.1V
O
PP
G = +1
R = 25
F
W
G = +2, R = 604
F
W
G = +5, R = 604
F
W
G = +10, R = 604
F
W
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
G = 1
-
G = 5
-
G = 10
-
G = 2
-
V = 0.1V
, R = 604
O
PP
F
W
7
TLV3544-Q1
www.ti.com
SBOS897 – OCTOBER 2017
Product Folder Links: TLV3544-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
At TA = 25°C, VS = 5 V, G = +1, RF = 0 Ω, RL = 1 kΩ, and connected to VS/2, unless otherwise noted.
Figure 1. Noninverting Small-Signal Frequency Response
Figure 2. Inverting Small-Signal Frequency Response
Figure 3. Noninverting Small-Signal Step Response
Figure 4. Noninverting Large-Signal Step Response
Figure 5. 0.1-dB Gain Flatness
Figure 6. Harmonic Distortion vs Output Voltage


Similar Part No. - TLV3544QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3544 TI1-TLV3544 Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3544 TI1-TLV3544 Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3544IDR TI1-TLV3544IDR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3544IPWR TI1-TLV3544IPWR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3544QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com