Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5272S-L3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC5272S-L3
Description  REMOTE CONTROL DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272S-L3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC5272S-L3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272S-L3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
PIN CONFIGURATION
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
A9
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
1
A0
A1
A2
A3
A4
A5
D5
D4
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
A11
A10
A9
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
D4
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
18 Pin
Package
20 Pin
Package


Similar Part No. - SC5272S-L3

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results

Similar Description - SC5272S-L3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com