Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-2386-TR2 Datasheet(PDF) 7 Page - Stanford Microdevices

Part # SGA-2386-TR2
Description  DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-2386-TR2 Datasheet(HTML) 7 Page - Stanford Microdevices

  SGA-2386-TR2 Datasheet HTML 1Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 2Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 3Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 4Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 5Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 6Page - Stanford Microdevices SGA-2386-TR2 Datasheet HTML 7Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary
Preliminary
SGA-2386 DC-2800 MHz 2.7V SiGe Amplifier
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
Doc # EDS-100627 Rev. A
Part Number Ordering Information
Absolute Maximum Ratings
Caution:
Operation of this device above any one of these
parameters may cause permanent damage. Appropriate
precautions in handling, packaging and testing devices
must be observed.
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 1999 Stanford Microdevices, Inc. All worldwide rights reserved.
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
y
l
p
p
u
S
)
s
V
(
e
g
a
t
l
o
V
V
3V
5V
5
.
7V
9V
2
1
s
a
i
b
R
)
s
m
h
O
(
5
15
1
10
4
25
1
35
6
4
r
e
b
m
u
N
t
r
a
Pe
z
i
S
l
e
e
Rl
e
e
R
/
s
e
c
i
v
e
D
1
R
T
-
6
8
3
2
-
A
G
S"
70
0
0
1
2
R
T
-
6
8
3
2
-
A
G
S"
3
10
0
0
3
r
e
t
e
m
a
r
a
Pe
u
l
a
Vt
i
n
U
t
n
e
r
r
u
C
y
l
p
p
u
S0
4A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O5
8
+
o
t
0
4
-C
r
e
w
o
P
t
u
p
n
I
m
u
m
i
x
a
M7
+m
B
d
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
8
+
o
t
0
4
-C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O0
5
1
+C
Package Dimensions
n
o
i
t
a
n
g
i
s
e
D
n
i
P
1n
i
F
R
2D
N
G
3s
a
i
B
d
n
a
t
u
o
F
R
4D
N
G
PCB Pad Layout
Thermal Resistance (Lead-Junction):
97° C/W


Similar Part No. - SGA-2386-TR2

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-2386 SIRENZA-SGA-2386 Datasheet
95Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2386Z SIRENZA-SGA-2386Z Datasheet
95Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-2386-TR2

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-2363 STANFORD-SGA-2363 Datasheet
333Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-5386 STANFORD-SGA-5386 Datasheet
225Kb / 7P
   DC-3200 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com