Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C60 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # C60
Description  Optically Isolated 0.5 to 2.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

C60 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  C60 Datasheet HTML 1Page - Willow Technologies Ltd C60 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 20
10 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
C60
1
Optically Isolated 0.5 to 2.5A
Bi-Directional Solid-State Relay
Series C60
Part Number
Relay Description
C60
-X0
Solid-State Relay, Terminals for Through Hole Mount
SC60
-X0
Solid-State Relay, Terminals for Surface Mount
ELECTRICAL SPECIFICATIONS
(25°C UNLESS OTHERWISE SPECIFIED)
INPUT (CONTROL) SPECIFICATIONS (See Note 1)
Parameter
Min
Max
Units
Input Voltage Drop (See Figure 1)
1.1
1.5
Vdc
Input Current (See Figure 1 and Notes 1, 7)
50
mA
Input Current (Guaranteed On), (See Figure 4 and Note 7) 10
mA
Input Current (Guaranteed Off)
100
µA
Reverse Voltage Protection
-6
Vdc
OUTPUT (LOAD) SPECIFICATIONS (See Figure 2 And Note 2)
Part Number
DC
Bi-Directional
Parameter
Min
Max
Min
Max
Units
Output Voltage Rating
C60-10
60
±60
Vdc
C60-20
100
±100
Vdc
C60-30
200
±200
Vdc
C60-40
400
±400
Vdc
Output Current Rating
C60-10
2.5
±1.25
Adc
C60-20
1.5
±0.75
Adc
C60-30
1.0
±0.50
Adc
C60-40
0.5
±0.25
Adc
On Resistance
C60-10
0.07
0.28
Ohm
(See Note 6)
C60-20
0.2
0.7
Ohm
C60-30
0.45
1.8
Ohm
C60-40
1.0
4.0
Ohm
Leakage Current at Rated Voltage
2.0
1.0
µAdc
Turn-On Time @ 10mA
C60-10
4.0
4.0
ms
(See Figure 4 and Note 7)
C60-20,-30,-40
3.0
3.0
ms
Turn-Off Time
C60-10
4.0
4.0
ms
C60-20,-30,-40
3.0
3.0
ms
Output Capacitance
C60-10
1000
500
pf
C60-20
500
250
pf
C60-30
400
200
pf
C60-40
400
200
pf
Isolation (Input to Output)
109
109
Ohms
Dielectric Strength
1500
1500
Vrms
Capacitance (Input to Output)
3.0
3.0
pF
Junction Temperature (T
J)
125
125
°C
Junction to Case Thermal Resistance
25
°C
Case to Ambient Thermal Resistance
75
°C/W
BLOCK DIAGRAM
FEATURES/BENEFITS
• Power FET Output with Very
Low On Resistance: Virtually no
offset with very low leakage and
voltage drop.
•Optical Isolation: Isolates
control elements from load
transients. Eliminates ground
loops and signal ground noise.
• Three Terminal Output: Output
FETs can be paralleled
externally to change current
load rating.
• Floating Output: Allows for high
and low side switching.
• Switches High Voltages and
Currents: Voltages to 400 Vdc.
Current to 2.5 Adc.
Bi-directional, DC or AC.
•High Noise Immunity: Control
circuit cannot be triggered by
output switching noise.
• 6-Pin Mini-DIP Package:
Standard or surface mount
available.
DESCRIPTION
The Series C60 solid-state relay is
an advanced design capable of
switching very heavy loads in a
physically small 6-pin mini DIP
package. These relays have a
power FET output that ensures low
On resistance, no offset voltage
and low leakage current. They are
versatile and can be used to switch
AC, Bi-directional or DC loads.
Optical isolation ensures complete
protection of signal lines, power
and ground bus and control circuits
from switching noise and EMI.
Add suffix 01 to denote 60Sn/40Pb Pre-Tinned Leads
2DSC60-X0 Rev --


Similar Part No. - C60

ManufacturerPart #DatasheetDescription
logo
Powerbox
C60 POWERBOX-C60 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C60 XPPOWER-C60 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
TP-Link Technologies Co...
C60 TP-LINK-C60 Datasheet
1Mb / 7P
   Dual Band | MU-MIMO
C60 TP-LINK-C60 Datasheet
884Kb / 6P
   Wireless Dual Band Router
C60 TP-LINK-C60 Datasheet
2Mb / 6P
   Wireless Dual Band Router
More results

Similar Description - C60

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C46FC47F WILLOW-C46FC47F Datasheet
616Kb / 2P
   Optically Isolated up to 1.75A
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
logo
Willow Technologies Ltd
LPD70 WILLOW-LPD70 Datasheet
326Kb / 3P
   250mA, 28Vdc Optically Isolated
logo
Crydom Inc.,
DC100A40CH CRYDOM-DC100A40CH Datasheet
1,013Kb / 6P
   Optically Isolated MOSFET output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com