Electronic Components Datasheet Search |
|
SMBJ58CA Datasheet(PDF) 1 Page - Suntan Capacitors |
|
SMBJ58CA Datasheet(HTML) 1 Page - Suntan Capacitors |
1 / 4 page Suntan® Su® SMBJ SERIES SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts, 600 Watt Peak Pulse Power F E A T U R E S ◆For surface mounted applications in order to optimize board space ◆Low profile package , Built-in strain relief ◆Glass passivated junction, Low inductance ◆Excellent clamping capability. Repetition Rate (duty cycle):0.01% ◆Fast response time:typically less than 1.0ps from 0 Volts to BV for unidirectional types ◆High temperature soldering: 250°C/10 seconds at terminals ◆Plastic package has Underwriters Laboratory Flammability 94V-O ◆Pb-free plated Mechanical Data ◆Case: JEDEC DO214AA. Molded plastic over glass passivated Junction ◆Terminal: Solder plated, solderable per MIL-STD-750, Method 2026 ◆Polarity: Color band denoted positive end (cathode) except Bidirectional ◆Standard Packaging: 12mm tape (EIA STD RS-481) ◆Weight: 0.003 ounce, 0.093gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Pulse Power Dissipation on 10/1000Ӵs waveform (Note 1,2 ,FIG.1) PPPM Min.600 Watts Peak Pulse Current of on 10/1000Ӵs waveform (Note 1,FIG.3) IPPM TABLE 1 Amps Peak Forward Surge Current,8.3ms Single Half Sine-Wave Superimposed on Rated Load,(JEDEC Method) (Note2,3) IFSM 100 Amps Operating junction and Storage Temperature Range TJ , TSTG -55 to + 150 °C Note: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25к per Fig. 2. 2. Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each terminal 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 SMB (DO-214AA) Dimensions in inches and (millimeters) |
Similar Part No. - SMBJ58CA |
|
Similar Description - SMBJ58CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |