Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA3001M Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # SLA3001M
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA3001M Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button SLA3001M Datasheet HTML 2Page - Allegro MicroSystems SLA3001M Datasheet HTML 3Page - Allegro MicroSystems SLA3001M Datasheet HTML 4Page - Allegro MicroSystems SLA3001M Datasheet HTML 5Page - Allegro MicroSystems SLA3001M Datasheet HTML 6Page - Allegro MicroSystems SLA3001M Datasheet HTML 7Page - Allegro MicroSystems SLA3001M Datasheet HTML 8Page - Allegro MicroSystems SLA3001M Datasheet HTML 9Page - Allegro MicroSystems SLA3001M Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
10
LINEAR REGULATORS
IN ORDER OF 1) OUTPUT VOLTAGE AND 2) OUTPUT CURRENT
Part
VO
Max IO
Max DC In
Max. Dropout Voltage
Number
Package
1.8 V
1.0 A
16 V
1.2 V @ 1.0 A
SI-3018LSA
8-Lead SOIC
2.5 V
1.0 A
16 V
800 mV @ 1.0 A
SI-3025LSA
8-Lead SOIC
3.3 V
1.0 A
16 V
800 mV @ 1.0 A
SI-3033LSA
8-Lead SOIC
3.3 V
1.5 A
20 V
500 mV @ 1.0 A
SI-3033C
5-Lead TO-220
5.0 V
1.0 A
25 V
500 mV @ 0.5 A
SI-3050N
TO-220
5.0 V *
1.5 A
35 V
1.0 V @ 1.5 A
SLA3001M
Power-Tab SIP
5.0 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3050C
5-Lead TO-220
5.0 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3051N
TO-220
5.0 V
2.0 A
25 V
500 mV @ 1.0 A
SI-3052V
TO-3P
7.7 V
15 mA
30 V
A8178LLT
SOT-89
9.0 V
1.0 A
30 V
500 mV @ 0.5 A
SI-3090N
TO-220
9.0 V *
1.5 A
35 V
1.0 V @ 1.5 A
SLA3001M
Power-Tab SIP
9.0 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3090C
5-Lead TO-220
9.0 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3091N
TO-220
12 V
1.0 A
30 V
500 mV @ 0.5 A
SI-3120N
TO-220
12 V *
1.5 A
35 V
1.0 V @ 1.5 A
SLA3001M
Power-Tab SIP
12 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3120C
5-Lead TO-220
12 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3121N
TO-220
12 V
2.0 A
30 V
500 mV @ 1.0 A
SI-3122V
TO-3P
15 V
1.0 A
35 V
500 mV @ 0.5 A
SI-3150N
TO-220
15 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3150C
5-Lead TO-220
15 V
1.5 A
35 V
500 mV @ 1.0 A
SI-3151N
TO-220
15 V
2.0 A
30 V
500 mV @ 1.0 A
SI-3152V
TO-3P
15.7 V †
1.0 A
35 V
1.0 V @ 1.0 A
SLA3002M
Power-Tab SIP
24 V
1.5 A
45 V
500 mV @ 1.0 A
SI-3240C
5-Lead TO-220
24 V
1.5 A
45 V
500 mV @ 1.0 A
SI-3241N
TO-220
* Three outputs, one each at 5 V, 9 V, and 12 V.
† Also includes two switching regulator outputs for 5 V at 500 mA and 9 V at 400 mA.
Also, see 83145 and 84145 Latched, Universal Input-Voltage Switches.


Similar Part No. - SLA3001M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

Similar Description - SLA3001M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com