Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6741 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV6741
Description  10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6741 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV6741_17 Datasheet HTML 6Page - Texas Instruments TLV6741_17 Datasheet HTML 7Page - Texas Instruments TLV6741_17 Datasheet HTML 8Page - Texas Instruments TLV6741_17 Datasheet HTML 9Page - Texas Instruments TLV6741_17 Datasheet HTML 10Page - Texas Instruments TLV6741_17 Datasheet HTML 11Page - Texas Instruments TLV6741_17 Datasheet HTML 12Page - Texas Instruments TLV6741_17 Datasheet HTML 13Page - Texas Instruments TLV6741_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Frequency (Hz)
10
100
1000
1k
10k
100k
1M
10M
D024
0
40
80
120
160
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Voltage (V)
C023
Temperature (qC)
-50
0
50
100
150
500
550
600
650
700
750
800
850
900
950
1000
D021
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
D022
AVDD = 5.5 V
AVDD = 1.8 V
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
500
550
600
650
700
750
800
850
900
950
1000
D020
VOUT (rms)
0.001
0.01
0.1
1
5
5
-120
-100
-80
-60
-40
-20
0
D018
Gain = +1, RL = 2 k:
Gain = +1, RL = 10 k:
Gain = 1, RL = 2 k:
Gain = 1, RL = 10 k:
10
TLV6741
SBOS817C – JUNE 2017 – REVISED OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
VS = 5.5 V, VICM = 2.5 V,
BW = 80 kHz, VOUT = 0.5 Vrms
Figure 19. THD + N vs Amplitude
Figure 20. Quiescent Current vs Supply Voltage
Figure 21. Quiescent Current vs Temperature
RL = 2 kΩ
Figure 22. Open-Loop Gain vs Temperature
Figure 23. Open-Loop Gain vs Output Voltage
AVDD = 5.5 V, VICM = VOCM = 2.75 V
Figure 24. Open-Loop Output Impedance vs Frequency


Similar Part No. - TLV6741_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741DCKR TI1-TLV6741DCKR Datasheet
2Mb / 48P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741DCKR TI1-TLV6741DCKR Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741DCKR TI1-TLV6741DCKR Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741DCKR TI1-TLV6741DCKR Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741DCKR TI-TLV6741DCKR Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results

Similar Description - TLV6741_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
[Old version datasheet]   500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V04 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V05 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V01 Datasheet
2Mb / 48P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com