Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT10053-C1A Datasheet(PDF) 3 Page - World Produts Inc.

Part # WPANT10053-C1A
Description  Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10053-C1A Datasheet(HTML) 3 Page - World Produts Inc.

  WPANT10053-C1A Datasheet HTML 1Page - World Produts Inc. WPANT10053-C1A Datasheet HTML 2Page - World Produts Inc. WPANT10053-C1A Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev: 1.0
August 28, 2015
Page | 3
2D Drawings of the Board Layout
50 ohms Feed Line
Ground Copper
Antenna Outline


Similar Part No. - WPANT10053-C1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10053-C1A WPI-WPANT10053-C1A Datasheet
138Kb / 3P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
More results

Similar Description - WPANT10053-C1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10002 WPI-WPANT10002 Datasheet
171Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10066 WPI-WPANT10066 Datasheet
162Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10067 WPI-WPANT10067 Datasheet
129Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10001-SB WPI-WPANT10001-SB Datasheet
284Kb / 5P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10053-C1A WPI-WPANT10053-C1A Datasheet
138Kb / 3P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10002-SB WPI-WPANT10002-SB Datasheet
248Kb / 5P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
logo
List of Unclassifed Man...
SR4W035 ETC1-SR4W035 Datasheet
1Mb / 17P
   Antenna for 2.4GHz applications Bluetooth, Wi-Fi, ZigBee, ISM.
logo
World Produts Inc.
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
   Wi-Fi / ZigBee / WLAN Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
   Wi-Fi / BT / ZigBee Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com