Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT10056-S2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10056-S2A
Description  Dual-band Wi-Fi / BT / ZigBee Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10056-S2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10056-S2A Datasheet HTML 1Page - World Produts Inc. WPANT10056-S2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
September 03, 2015
Page | 1
WPANT10056
Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10056-S2A
6’’ micro co-ax with IPX MHF connector
Note: Different cable and connector style requests can be accommodated.
Application
A sleek plug and play antenna for wireless devices operating at 2.4 GHz and 5 GHz Wi-Fi / WLAN frequencies. This antenna works
very well on any metallic surface.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
4.9 – 5.9 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2.5:1
Peak Gain [dBi] (Typical)
1.5 dBi
1.5 dBi
Polarization
Linear
Linear
Pattern
Near Omni-directional
Near Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
3.4’’ x 0.12’’ x 0.031’’
(86.25mm x 3mm x 0.78mm)
Antenna Color
Black
Operating / Storage Temperature
-40
oC to +125oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10056-S2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
WPANT10050-C1A WPI-WPANT10050-C1A Datasheet
158Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
WPANT10051 WPI-WPANT10051 Datasheet
155Kb / 3P
   Horizontally Polarized Wi-Fi Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
279Kb / 5P
   2.4 GHz Wi-Fi Horizontally Polarized Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
155Kb / 3P
   Horizontally Polarized Wi-Fi Embedded Antenna
More results

Similar Description - WPANT10056-S2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10020-CB WPI-WPANT10020-CB Datasheet
190Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10069 WPI-WPANT10069 Datasheet
77Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10019 WPI-WPANT10019 Datasheet
227Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10019-CC WPI-WPANT10019-CC Datasheet
218Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020 WPI-WPANT10020 Datasheet
202Kb / 3P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10043-C1A WPI-WPANT10043-C1A Datasheet
92Kb / 2P
   Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10099 WPI-WPANT10099 Datasheet
118Kb / 2P
   Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
   Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
   Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
logo
World Produts Inc.
WPANT10057 WPI-WPANT10057 Datasheet
82Kb / 2P
   Dual-band Wi-Fi / BT MIMO Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com