Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3090N Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SI-3090N
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3090N Datasheet(HTML) 2 Page - Allegro MicroSystems

  SI-3090N Datasheet HTML 1Page - Allegro MicroSystems SI-3090N Datasheet HTML 2Page - Allegro MicroSystems SI-3090N Datasheet HTML 3Page - Allegro MicroSystems SI-3090N Datasheet HTML 4Page - Allegro MicroSystems SI-3090N Datasheet HTML 5Page - Allegro MicroSystems SI-3090N Datasheet HTML 6Page - Allegro MicroSystems SI-3090N Datasheet HTML 7Page - Allegro MicroSystems SI-3090N Datasheet HTML 8Page - Allegro MicroSystems SI-3090N Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2001 Allegro MicroSystems, Inc.
1.5
1.0
0.5
20
60
100
40
0
AMBIENT TEMPERATURE in
°°°°C
Dwg. GK-010-1
80
120
0
56.5 mm x 56.5 mm
COPPER AREA ON
GLASS-EPOXY BOARD
140
28 mm x 28 mm
COPPER AREA ON
GLASS-EPOXY BOARD
40 mm x 40 mm
COPPER AREA ON
GLASS-EPOXY BOARD
20 mm x 20 mm
COPPER AREA ON
GLASS-EPOXY BOARD
Leads 7 and 8 are soldered to
the copper area and provide
heat sinking of the pass transis-
tor.
RECOMMENDED OPERATING CONDITIONS
Max. Input Voltage, VI ................................................ 3.5 V
Output Current, IO .......................................... 0 A to 1.0 A
Output Junction Temperature Range, TJ -20 °C to +125°C
Ambient Temperature Range, TA .............. -30°C to +85°C
INPUT
1
SUPPLY
3
OUTPUT
OUTPUT
8
7
6
Dwg. FK-019
GROUND
GROUND
5
4
2
ENABLE
INTERNAL
CONNECTION
SUB
+


Similar Part No. - SI-3090N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3090N SANKEN-SI-3090N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3090N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com