Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6404-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6404-Q1
Description  50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6404-Q1 Datasheet(HTML) 8 Page - Texas Instruments

  TPA6404-Q1 Datasheet HTML 1Page - Texas Instruments TPA6404-Q1 Datasheet HTML 2Page - Texas Instruments TPA6404-Q1 Datasheet HTML 3Page - Texas Instruments TPA6404-Q1 Datasheet HTML 4Page - Texas Instruments TPA6404-Q1 Datasheet HTML 5Page - Texas Instruments TPA6404-Q1 Datasheet HTML 6Page - Texas Instruments TPA6404-Q1 Datasheet HTML 7Page - Texas Instruments TPA6404-Q1 Datasheet HTML 8Page - Texas Instruments TPA6404-Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
56X (1.9)
56X (0.4)
54X (0.635)
(9.5)
(R0.05) TYP
PowerPAD
HSSOP - 2.475 mm max height
DKQ0056A
PLASTIC SMALL OUTLINE
4221870/C 02/2017
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SYMM
SYMM
1
28
29
56
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE:6X


Similar Part No. - TPA6404-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
More results

Similar Description - TPA6404-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com