Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS27S100X Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS27S100X
Description  40-V, 80-m(ohm) Single-Channel High-Side Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27S100X Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS27S100X Datasheet HTML 3Page - Texas Instruments TPS27S100X Datasheet HTML 4Page - Texas Instruments TPS27S100X Datasheet HTML 5Page - Texas Instruments TPS27S100X Datasheet HTML 6Page - Texas Instruments TPS27S100X Datasheet HTML 7Page - Texas Instruments TPS27S100X Datasheet HTML 8Page - Texas Instruments TPS27S100X Datasheet HTML 9Page - Texas Instruments TPS27S100X Datasheet HTML 10Page - Texas Instruments TPS27S100X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TPS27S100
www.ti.com
SLVSE42 – OCTOBER 2017
Product Folder Links: TPS27S100
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
5 V < VIN < 40 V; –40°C < TJ < 150°C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIAGNOSTICS
V(ol,off)
Open-load detection threshold in off-
state
VEN = 0 V, When VIN – VOUT < V(ol,off),
duration longer than td(ol,off). Open load
detected.
1.4
1.8
2.6
V
I(ol,off)
Off-state output sink current with
open load
VEN = 0 V, VIN = VOUT = 24 V, TJ = 125°C.
–150
µA
td(ol,off)
Open-load detection-threshold
deglitch time in off state
VEN = 0 V, When VIN – VOUT < Vol,off, duration
longer than tol,off. Open load detected.
600
µs
I(ol,on)
Open-load detection threshold in on
state
VEN = 5 V, when IOUT < I(ol,on), duration longer
than td(ol,on). Open load detected.
Version A only
2
6
10
mA
td(ol,on)
Open-load detection-threshold
deglitch time in on-state
VEN = 5 V, when IOUT < I(ol,on), duration longer
than td(ol,on). Open load detected.
700
µs
V(FLT)
Fault low output voltage
IFLT = 2 mA
0.4
V
T(SD)
Thermal shutdown threshold
175
°C
T(SD,rst)
Thermal shutdown status reset
155
°C
T(SW)
Thermal swing shutdown threshold
60
°C
T(hys)
Hysteresis for resetting the thermal
shutdown and swing
10
°C
CURRENT MONITOR AND CURRENT LIMIT
K(IMON)
Current sense current ratio
500
K(ILIM)
Current limit current ratio
2000
dK(IMON)/K(IM
ON)
Current-monitor accuracy
Iload ≥ 5 mA
–80
80
%
Iload ≥ 25 mA
–12
12
Iload ≥ 50 mA
–8
8
Iload ≥ 0.1 A
–5
5
Iload ≥ 1 A
–3
3
dK(ILIM)/K(ILIM) External current-limit accuracy
Ilimit ≥ 0.5 A, 25°C < TJ < 150°C
–20
20
%
Ilimit ≥ 0.5 A, -40°C < TJ < 25°C
–28
28
%
dK(ILIM)/K(ILIM) External current-limit accuracy
Ilimit ≥ 1.6 A, 25°C < TJ < 150°C
–15
15
%
Ilimit ≥ 1.6 A, -40°C < TJ < 25°C
–18
18
VIMON(lin)
Current-monitor voltage linear
voltage range(1)
VIN ≥ 5 V
0
4
V
IOUT(lin)
Current-monitor voltage linear current
range(1)
VIN ≥ 5 V, VIMON(lin) ≤ 4 V
0
4
A
VIMON(H)
IMON pin voltage in Fault mode
VIN ≥ 7 V, fault mode
4.3
4.75
4.9
V
VIN ≥ 5 V, fault mode
Min(VIN
0.8, 4.3)
4.9
IIMON(H)
IMON pin current in Fault mode
VIMON = 4.3 V, VIN > 7 V, fault mode
10
mA
VIMON(th)
Current limit internal threshold
voltage(1)
1.233
V


Similar Part No. - TPS27S100X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS27S100X TI1-TPS27S100X Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
More results

Similar Description - TPS27S100X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com