Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2001D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2001D
Description  Current Limited, Power-Distribution Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2001D Datasheet(HTML) 1 Page - Texas Instruments

  TPS2001D Datasheet HTML 1Page - Texas Instruments TPS2001D Datasheet HTML 2Page - Texas Instruments TPS2001D Datasheet HTML 3Page - Texas Instruments TPS2001D Datasheet HTML 4Page - Texas Instruments TPS2001D Datasheet HTML 5Page - Texas Instruments TPS2001D Datasheet HTML 6Page - Texas Instruments TPS2001D Datasheet HTML 7Page - Texas Instruments TPS2001D Datasheet HTML 8Page - Texas Instruments TPS2001D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OUT
IN
GND
FLT
RFLT
10 kW
Control Signal
VIN
150 mF
Fault Signal
VOUT
EN
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2001D
SLVSE25A – JULY 2017 – REVISED OCTOBER 2017
TPS2001D Current Limited, Power-Distribution Switches
1
1 Features
1
Single Power Switch Family
Rated Current of 2 A
±20% Accurate, Fixed, Constant Current Limit
Fast Overcurrent Response: 2 µs
Deglitched Fault Reporting
Output Discharge
Reverse Current Blocking
Built-In Soft Start
Ambient Temperature Range: –40°C to 85°C
UL Listed and CB-File No. E169910
2 Applications
USB Ports and Hubs, Laptops, and Desktops
High-Definition Digital TVs
Set-Top Boxes
Short-Circuit Protection
3 Description
The TPS2001D power-distribution switch is intended
for applications where heavy capacitive loads and
short circuits are likely to be encountered, such as
USB.
The TPS2001D limits the output current to a safe
level by operating in a constant-current mode when
the output load exceeds the current limit threshold.
This provides a predictable fault current under all
conditions. The fast overload response time eases
the burden on the main 5-V supply to provide
regulated power when the output is shorted. The
power-switch rise and fall times are controlled to
minimize current surges during turnon and turnoff.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2001D
VSSOP (8)
3.00 mm × 3.00 mm
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
spacer
spacer
Typical Application Diagram


Similar Part No. - TPS2001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2001D TI1-TPS2001D Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGK TI1-TPS2001DDGK Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2001DDGKR TI1-TPS2001DDGKR Datasheet
1Mb / 24P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2001D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com