Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3122V Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SI-3122V
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3122V Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3122V Datasheet HTML 1Page - Allegro MicroSystems SI-3122V Datasheet HTML 2Page - Allegro MicroSystems SI-3122V Datasheet HTML 3Page - Allegro MicroSystems SI-3122V Datasheet HTML 4Page - Allegro MicroSystems SI-3122V Datasheet HTML 5Page - Allegro MicroSystems SI-3122V Datasheet HTML 6Page - Allegro MicroSystems SI-3122V Datasheet HTML 7Page - Allegro MicroSystems SI-3122V Datasheet HTML 8Page - Allegro MicroSystems SI-3122V Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
5
TYPICAL CHARACTERISTICS at T
A = 25°C (cont’d)
1.78
1.76
1.74
1.80
1.82
1.84
4.0
8.0
INPUT VOLTAGE
0
Dwg. GK-029
12
6.0
10
2.0
1.86
IO = 1 A
IO = 0.5 A
IO = 0 A
0
5.0
10
15
4.0
8.0
INPUT VOLTAGE
0
Dwg. GK-030
12
6.0
10
2.0
20
IO = 1 A
IO = 0.5 A
IO = 0 A
20
10
0
30
40
50
1.0
2.0
ENABLE VOLTAGE in VOLTS
0
Dwg. GK-023
3.0
VI = VS = 3.3 V
IO = 5 mA
1.5
2.5
0.5
60
Line regulation
GND current
ENABLE input current


Similar Part No. - SI-3122V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3122V SANKEN-SI-3122V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3122V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com