Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610993YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610993YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610993YFFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS610993YFFT Datasheet HTML 1Page - Texas Instruments TPS610993YFFT Datasheet HTML 2Page - Texas Instruments TPS610993YFFT Datasheet HTML 3Page - Texas Instruments TPS610993YFFT Datasheet HTML 4Page - Texas Instruments TPS610993YFFT Datasheet HTML 5Page - Texas Instruments TPS610993YFFT Datasheet HTML 6Page - Texas Instruments TPS610993YFFT Datasheet HTML 7Page - Texas Instruments TPS610993YFFT Datasheet HTML 8Page - Texas Instruments TPS610993YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
A1
A2
B1
B2
C1
C2
VIN
SW
EN
GND
VOUT
FB
4
TPS61099
SLVSD88I – JULY 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Product Preview. Contact TI factory for more information.
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
TPS61099
Adjustable
TPS610997
5.0 V
TPS610996
4.5 V
TPS610995
3.6 V
TPS610994
3.3 V
TPS610993
3.0 V
TPS610992
2.5 V
TPS610991
(1)
1.8 V
6 Pin Configuration and Functions
YFF Package
6-Pin YFF
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
VIN
I
IC power supply input
B1
SW
PWR
Switch pin of the converter. It is connected to the inductor
C1
EN
I
Enable logic input. Logic high voltage enables the device; logic low voltage disables the device. Do not
leave it floating.
A2
GND
PWR
Ground
B2
VOUT
PWR
Boost converter output
C2
FB
I
Voltage feedback of adjustable output voltage. Connect to the center tap of a resistor divider to program
the output voltage. Connect to GND pin for fixed output voltage versions.


Similar Part No. - TPS610993YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610993YFFT TI1-TPS610993YFFT Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610993YFFT TI1-TPS610993YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610993YFFT TI-TPS610993YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS610993YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com