Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610995YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610995YFFR
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610995YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS610995YFFR Datasheet HTML 1Page - Texas Instruments TPS610995YFFR Datasheet HTML 2Page - Texas Instruments TPS610995YFFR Datasheet HTML 3Page - Texas Instruments TPS610995YFFR Datasheet HTML 4Page - Texas Instruments TPS610995YFFR Datasheet HTML 5Page - Texas Instruments TPS610995YFFR Datasheet HTML 6Page - Texas Instruments TPS610995YFFR Datasheet HTML 7Page - Texas Instruments TPS610995YFFR Datasheet HTML 8Page - Texas Instruments TPS610995YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SW
VIN
EN
GND
VOUT
FB
L1
2.2 µH
C1
10 µF
R1
R2
C2
10 µF
VIN
0.7 V to 5.5 V
VOUT
1.8 V to 5.5 V
TPS61099
C3
10 µF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61099
SLVSD88I – JULY 2016 – REVISED SEPTEMBER 2017
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
1
1 Features
1
600 nA Ultra-Low IQ into VOUT Pin
400 nA Ultra-Low IQ into VIN Pin
Operating Input Voltage from 0.7 V to 5.5 V
Adjustable Output Voltage from 1.8 V to 5.5 V
Fixed Output Voltage Versions Available
Minimum 0.8 A Switch Peak Current Limit
Regulated Output Voltage in Down Mode
True Disconnection During Shutdown
Up to 75% Efficiency at 10 µA Load with Fixed
Output Voltage Versions
Up to 93% Efficiency from 10 mA to 300 mA Load
6-Ball 1.23 mm x 0.88 mm WCSP Package
Create a Custom Design Using the TPS61099x
With the WEBENCH® Power Designer
2 Applications
Memory LCD Bias
Optical Heart Rate Monitor LED Bias
Wearable Applications
Low Power Wireless Applications
Portable Products
Battery Powered Systems
3 Description
The TPS61099x device is a synchronous boost
converter with 1-µA ultra-low quiescent current. The
device is designed for products powered by an
alkaline battery, NiMH rechargeable battery, Li-Mn
battery or rechargeable Li-Ion battery, for which high
efficiency under light load condition is critical to
achieve long battery life operation.
The TPS61099x boost converter uses a hysteretic
control topology to obtain maximal efficiency at
minimal quiescent current. It only consumes 1-µA
quiescent current under light load condition and can
achieve up to 75% efficiency at 10-µA load with fixed
output voltage version. It can also support up to 300-
mA output current from 3.3 V to 5 V conversion, and
achieve up to 93% at 200-mA load.
The TPS61099x also offers both Down Mode and
Pass-Through operations for different applications. In
Down Mode, the output voltage can still be regulated
at target value even when input voltage is higher than
output voltage. In Pass-Through Mode, the output
voltage follows input voltage. The TPS61099x exits
Down Mode and enters into Pass-Through Mode
when VIN > VOUT + 0.3 V.
The TPS61099x supports true shutdown function
when it is disabled, which disconnects the load from
the input supply to reduce the current consumption.
The TPS61099x offers both adjustable output voltage
version and fixed output voltage versions. It is
available in 6-ball 1.23-mm x 0.88-mm WCSP
Package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS61099
WCSP (6)
1.23 mm x 0.88 mm
TPS61099x
(1) For all available packages, see the orderable addendum at
the end of this document.
Typical Application Circuit


Similar Part No. - TPS610995YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610995YFFR TI1-TPS610995YFFR Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610995YFFR TI-TPS610995YFFR Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS610995YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com