Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610996YFFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610996YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610996YFFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS610996YFFT Datasheet HTML 2Page - Texas Instruments TPS610996YFFT Datasheet HTML 3Page - Texas Instruments TPS610996YFFT Datasheet HTML 4Page - Texas Instruments TPS610996YFFT Datasheet HTML 5Page - Texas Instruments TPS610996YFFT Datasheet HTML 6Page - Texas Instruments TPS610996YFFT Datasheet HTML 7Page - Texas Instruments TPS610996YFFT Datasheet HTML 8Page - Texas Instruments TPS610996YFFT Datasheet HTML 9Page - Texas Instruments TPS610996YFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TPS61099
SLVSD88I – JULY 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
TJ = -40°C to 125°C and VIN = 0.7 V to 5.5 V. Typical values are at VIN = 3.7 V, TJ = 25°C, unless otherwise noted.
PARAMETER
Version
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
TPS61099x
0.7
5.5
V
VUVLO
Input under voltage lockout threshold
TPS61099x
VIN rising
0.6
0.7
V
UVLO hysteresis
TPS61099x
200
mV
IQ
Quiescent current into VIN pin
TPS61099x
IC enabled, no Load, no Switching
TJ = -40 °C to 85 °C
0.4
1.1
µA
Quiescent current into VOUT pin
TPS61099x
IC enabled, no Load, no Switching,
Boost or Down Mode
TJ = -40 °C to 85 °C
0.6
1.5
µA
ISD
Shutdown current into VIN pin
TPS61099x
IC disabled, VIN = 3.7 V, VOUT = 0 V
TJ = -40 °C to 85 °C
0.5
1.6
µA
OUTPUT
VOUT
Output voltage range
TPS61099
1.8
5.5
V
Output accuracy
TPS610997
VIN < VOUT, PWM mode
4.90
5.00
5.10
V
VIN < VOUT, PFM mode
5.15
V
TPS610994
VIN < VOUT, PWM mode
3.23
3.30
3.37
VIN < VOUT, PFM mode
3.4
TPS610993
VIN < VOUT, PWM mode
2.94
3.0
3.06
V
VIN < VOUT, PFM mode
3.1
TPS610996
VIN < VOUT, PWM mode
4.4
4.5
4.6
V
VIN < VOUT, PFM mode
4.63
TPS610992
VIN < VOUT, PWM mode
2.45
2.5
2.55
V
VIN < VOUT, PFM mode
2.58
TPS610995
VIN < VOUT, PWM mode
3.53
3.6
3.67
V
VIN < VOUT, PFM mode
3.71
VREF
Feedback reference voltage
TPS61099
VIN < VOUT, PWM mode
0.98
1.00
1.02
V
TPS61099
VIN < VOUT, PFM mode
1.03
V
VOVP
Output overvoltage protection
threshold
TPS61099x
VOUT rising
5.6
5.8
6.0
V
OVP hysteresis
TPS61099x
100
200
mV
IFB_LKG
Leakage current into FB pin
TPS61099x
VFB = 1.0 V
10
50
nA
POWER SWITCH
RDS(on)_LS
Low side switch on resistance
TPS61099x
VOUT = 5.0 V
250
m
VOUT = 3.3 V
300
m
VOUT = 1.8 V
400
m
RDS(on)_HS
Rectifier on resistance
TPS61099x
VOUT = 5.0 V
300
350
m
VOUT = 3.3 V
350
450
m
VOUT = 1.8 V
500
750
m
ILH
Inductor current ripple
TPS61099x
VOUT = 5.0 V
350
mA
VOUT = 3.3 V
300
mA
VOUT = 1.8 V
250
mA
ILIM
Current limit threshold
TPS61099x
VOUT ≥ 2.5 V, boost operation
0.8
1
1.25
A
VOUT < 2.5 V, boost operation
0.5
0.75
A
ISW_LKG
Leakage current into SW pin (from SW
pin to GND)
TPS61099x
VSW = 5.0 V, no switch, TJ = -40 °C to 85 °C
200
nA
CONTROL LOGIC
VIL
EN input low voltage threshold
TPS61099x
VIN ≤ 1.5 V
0.2 x
VIN
V
VIH
EN input high voltage threshold
TPS61099x
VIN ≤ 1.5 V
0.8 x
VIN
V
VIL
EN input low voltage threshold
TPS61099x
VIN > 1.5 V
0.4
V
VIH
EN input high voltage threshold
TPS61099x
VIN > 1.5 V
1.2
V
IEN_LKG
Leakage current into EN pin
TPS61099x
VEN = 5.0 V
50
nA


Similar Part No. - TPS610996YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610996YFFT TI1-TPS610996YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610996YFFT TI-TPS610996YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS610996YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com