Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610996YFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610996YFFT
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610996YFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS610996YFFT Datasheet HTML 4Page - Texas Instruments TPS610996YFFT Datasheet HTML 5Page - Texas Instruments TPS610996YFFT Datasheet HTML 6Page - Texas Instruments TPS610996YFFT Datasheet HTML 7Page - Texas Instruments TPS610996YFFT Datasheet HTML 8Page - Texas Instruments TPS610996YFFT Datasheet HTML 9Page - Texas Instruments TPS610996YFFT Datasheet HTML 10Page - Texas Instruments TPS610996YFFT Datasheet HTML 11Page - Texas Instruments TPS610996YFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
IOUT (mA)
0.005
0.1
1
10
100
1000
60
65
70
75
80
85
90
95
100
D003
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.5 V
VIN = 3.0 V
1
10
100
1000
0.1
I
(mA)
OUT
Output Current (mA)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
D016
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.2 V
Output Current (mA)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
D015
VIN = 0.7 V
VIN = 1.5 V
VIN = 2.7 V
VIN = 3.3 V
IOUT (mA)
0.005
0.1
1
10
100
1000
45
50
55
60
65
70
75
80
85
90
95
100
D001
VIN = 0.7 V
VIN = 1.5 V
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.2 V
IOUT (mA)
0.005
0.1
1
10
100
1000
55
60
65
70
75
80
85
90
95
100
D002
VIN = 0.7 V
VIN = 1.5 V
VIN = 3.0 V
VIN = 3.6 V
VIN = 4.2 V
8
TPS61099
SLVSD88I – JULY 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS61099
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.6 Typical Characteristics
TPS61099, VIN = 0.7 V, 1.5 V, 3.0 V, 3.6 V, 4.2 V, VOUT = 5.0 V
Figure 1. TPS61099 Load Efficiency with Different Inputs
TPS610997, VIN= 0.7 V, 1.5 V, 3.0 V, 3.6 V, 4.2 V
Figure 2. TPS610997 Load Efficiency with Different Inputs
TPS610996, VIN= 0.7 V, 1.5 V, 2.7, 3.3 V, 4.2 V
Figure 3. TPS610996 Load Efficiency with Different Inputs
TPS610995, VIN= 0.7 V, 1.5 V, 2.7, 3.3 V
Figure 4. TPS610995 Load Efficiency with Different Inputs
TPS610994, VIN= 0.7 V, 1.5 V, 2.5 V, 3.0 V
Figure 5. TPS610994 Load Efficiency with Different Inputs
TPS610993, VIN= 0.7 V, 1.5 V, 2.2 V, 2.5 V
Figure 6. TPS610993 Load Efficiency with Different Inputs


Similar Part No. - TPS610996YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610996YFFT TI1-TPS610996YFFT Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS610996YFFT TI-TPS610996YFFT Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS610996YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com