Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92610-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92610-Q1
Description  Automotive Single-Channel LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92610-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92610-Q1 Datasheet HTML 1Page - Texas Instruments TPS92610-Q1 Datasheet HTML 2Page - Texas Instruments TPS92610-Q1 Datasheet HTML 3Page - Texas Instruments TPS92610-Q1 Datasheet HTML 4Page - Texas Instruments TPS92610-Q1 Datasheet HTML 5Page - Texas Instruments TPS92610-Q1 Datasheet HTML 6Page - Texas Instruments TPS92610-Q1 Datasheet HTML 7Page - Texas Instruments TPS92610-Q1 Datasheet HTML 8Page - Texas Instruments TPS92610-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPS92610-Q1
www.ti.com
SLDS233 – NOVEMBER 2017
Product Folder Links: TPS92610-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
V(SUPPLY) = 5 V – 40 V, TJ = –40°C–150°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (DIAGEN, PWM, EN)
VIL(DIAGEN)
Input logic-low voltage, DIAGEN
1.045
1.1
1.155
V
VIH(DIAGEN)
Input logic-high voltage, DIAGEN
1.14
1.2
1.26
V
VIL(PWM)
Input logic-low voltage, PWM
1.045
1.1
1.155
V
VIH(PWM)
Input logic-high voltage, PWM
1.14
1.2
1.26
V
VIL(EN)
Input logic-low voltage, EN
0.7
V
VIH(EN)
Input logic-high voltage, EN
2
V
IPD(EN)
EN pin pulldown current
V(EN) = 12 V
1.5
3.3
4.5
µA
CONSTANT-CURRENT DRIVER
I(OUT)
Device output-current range
100% duty-cycle
4
450
mA
V(CS_REG)
Sense-resistor regulation voltage
TA = 25°C, V(SUPPLY) = 4.5 V to 18 V
94
98
102
mV
TA = –40°C to 125°C, V(SUPPLY) = 4.5 V to
18 V
93.5
98
102.5
R(SNS)
Sense-resistor range
24.5
Ω
V(DROPOUT)
Voltage dropout from SUPPLY to
OUT
V(CS_REG) voltage included, current setting
= 10 mA
120
150
mV
V(CS_REG) voltage included, current setting
= 70 mA
250
400
V(CS_REG) voltage included, current setting
= 150 mA
430
700
V(CS_REG) voltage included, current setting
= 300 mA
800
1300
DIAGNOSTICS
V(OPEN_th_rising)
LED open rising threshold, V(IN)
V(OUT)
70
100
135
mV
V(OPEN_th_falling)
LED open falling threshold, V(IN)
V(OUT)
235
290
335
mV
V(SG_th_falling)
Channel output V(OUT) short-to-
ground falling threshold
1.14
1.2
1.26
V
V(SG_th_rising)
Channel output V(OUT) short-to-
ground rising threshold
0.82
0.865
0.91
V
I(Retry)
Channel output retry current
V(OUT) = 0 V
0.64
1.08
1.528
mA
V(SSH_th)
Single-LED short-detection high-
side threshold
V(SSL) – V(SSH)
140
190
235
mV
V(SSL_th)
Single-LED short-detection low-
side threshold
0.8
0.86
0.91
V
FAULT
VIL(FAULT)
Logic-input low threshold
0.7
V
VIH(FAULT)
Logic-input high threshold
2
V
VOL(FAULT)
Logic-output low voltage
With 500-µA external pullup
0.4
V
VOH(FAULT)
Logic-output high voltage
With 1-µA external pulldown, V(SUPPLY) =
12 V
5
7
V
I(FAULT_pulldown)
FAULT internal pulldown current
500
750
1000
µA
I(FAULT_pullup)
FAULT internal pullup current
5
8
12
µA
THERMAL PROTECTION
T(TSD)
Thermal shutdown junction
temperature threshold
167
172
178
°C
T(TSD_HYS)
Thermal shutdown junction
temperature hysteresis
15
°C


Similar Part No. - TPS92610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
More results

Similar Description - TPS92610-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com