Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21220 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21220
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21220 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC21220 Datasheet HTML 6Page - Texas Instruments UCC21220 Datasheet HTML 7Page - Texas Instruments UCC21220 Datasheet HTML 8Page - Texas Instruments UCC21220 Datasheet HTML 9Page - Texas Instruments UCC21220 Datasheet HTML 10Page - Texas Instruments UCC21220 Datasheet HTML 11Page - Texas Instruments UCC21220 Datasheet HTML 12Page - Texas Instruments UCC21220 Datasheet HTML 13Page - Texas Instruments UCC21220 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
D001
VDD = 12V, fS=50kHz
VDD = 12V, fS=1.0MHz
VDD = 15V, fS=50kHz
VDD = 15V, fS=1.0MHz
Frequency (kHz)
0
100
200
300
400
500
600
700
800
900 1000
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
D001
VDD = 12V
VDD = 15V
Frequency (kHz)
0
100
200
300
400
500
600
700
800
900 1000
2.5
2.52
2.54
2.56
2.58
2.6
D001
VCCI = 3.3V
VCCI = 5.0V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.8
1
1.2
1.4
1.6
D001
VDD = 12V
VDD = 18V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
1.2
1.3
1.4
1.5
1.6
D001
VCCI = 3.3V
VCCI = 5.0V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
2.4
2.44
2.48
2.52
2.56
2.6
2.64
2.68
D001
VCCI = 3.3V, fS=50kHz
VCCI = 3.3V, fS=1.0MHz
VCCI = 5.0V, fS=50kHz
VCCI = 5.0V, fS=1.0MHz
10
UCC21220
SLUSCK0 – NOVEMBER 2017
www.ti.com
Product Folder Links: UCC21220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.12 Typical Characteristics
VDDA = VDDB = 12 V, VCCI = 3.3 or 5.0 V, TA = 25°C, CL=0pF unless otherwise noted.
Figure 3. VCCI Quiescent Current (No Load, INA=INB=GND)
Figure 4. VCCI Operating Current - IVCCI
Figure 5. VCCI Operating Current vs. Frequency
Figure 6. VDD Per Channel Quiescent Current (IVDDA, IVDDB)
(No Load, INA=INB=GND)
Figure 7. VDD Per Channel Operating Current - IVDDA/B (No
Load)
Figure 8. Per Channel Operating Current (IVDDA/B) vs.
Frequency (INA and INB Both Switching, No Load)


Similar Part No. - UCC21220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220A TI1-UCC21220A Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220AD TI1-UCC21220AD Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220ADR TI1-UCC21220ADR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220D TI1-UCC21220D Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com