Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21220D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21220D
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21220D Datasheet(HTML) 5 Page - Texas Instruments

  UCC21220D Datasheet HTML 1Page - Texas Instruments UCC21220D Datasheet HTML 2Page - Texas Instruments UCC21220D Datasheet HTML 3Page - Texas Instruments UCC21220D Datasheet HTML 4Page - Texas Instruments UCC21220D Datasheet HTML 5Page - Texas Instruments UCC21220D Datasheet HTML 6Page - Texas Instruments UCC21220D Datasheet HTML 7Page - Texas Instruments UCC21220D Datasheet HTML 8Page - Texas Instruments UCC21220D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
UCC21220
www.ti.com
SLUSCK0 – NOVEMBER 2017
Product Folder Links: UCC21220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
UCC21220
UNIT
D (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
68.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
30.5
°C/W
RθJB
Junction-to-board thermal resistance
22.8
°C/W
ψJT
Junction-to-top characterization parameter
17.1
°C/W
ψJB
Junction-to-board characterization parameter
22.5
°C/W
6.5 Power Ratings
VALUE
UNIT
PD
Power dissipation
VCCI = 5.5 V, VDDA/B = 12 V, INA/B = 3.3
V, 5.4 MHz 50% duty cycle square wave 1.0-
nF load
1825
mW
PDI
Power dissipation by transmitter side
15
mW
PDA, PDB
Power dissipation by each driver side
905
mW


Similar Part No. - UCC21220D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220D TI1-UCC21220D Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220DR TI1-UCC21220DR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21220D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com