Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25630-2DDBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25630-2DDBR
Description  LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25630-2DDBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC25630-2DDBR Datasheet HTML 6Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 7Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 8Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 9Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 10Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 11Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 12Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 13Page - Texas Instruments UCC25630-2DDBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
100
200
300
400
500
D001
VCC = 13 V
VCC = 15 V
VCC = 25 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
7.75
7.8
7.85
7.9
7.95
8
8.05
8.1
8.15
D002
VCC = 13 V
VCC = 15 V
VCC = 25 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
83.5
84
84.5
85
85.5
86
86.5
D001
VCC = 13 V
VCC = 15 V
VCC = 25 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
25.2
25.4
25.6
25.8
26
26.2
26.4
D001
VCC = 13 V
VCC = 15 V
VCC = 25 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
3.01
3.015
3.02
3.025
3.03
3.035
3.04
D001
VCC = 13 V
VCC = 15 V
VCC = 25 V
Temperature (qC)
-60
-35
-10
15
40
65
90
115
140
98
99
100
101
102
103
104
105
D001
VCC = 13 V
VCC = 15 V
VCC = 25 V
10
UCC256302
SLUSD69 – NOVEMBER 2017
www.ti.com
Product Folder Links: UCC256302
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. VCM vs Temperature
Figure 14. RFB vs Temperature
Figure 15. IFB vs Temperature
Figure 16. ISSUp vs Temperature
Figure 17. RSSDown vs Temperature
Figure 18. IHB-HSUVLORise vs Temperature


Similar Part No. - UCC25630-2DDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25630-1DDBR TI1-UCC25630-1DDBR Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-1DDBT TI1-UCC25630-1DDBT Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-3DDBR TI1-UCC25630-3DDBR Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-3DDBT TI1-UCC25630-3DDBT Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-4DDBR TI1-UCC25630-4DDBR Datasheet
1Mb / 72P
[Old version datasheet]   Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
More results

Similar Description - UCC25630-2DDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256304 TI1-UCC256304 Datasheet
1Mb / 72P
[Old version datasheet]   Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
UCC256301 TI1-UCC256301 Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402_V01 Datasheet
3Mb / 74P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402 Datasheet
3Mb / 73P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI-UCC256402_V02 Datasheet
3Mb / 78P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com