Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS386 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS386
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS386 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LVDS386 Datasheet HTML 3Page - Texas Instruments SN75LVDS386 Datasheet HTML 4Page - Texas Instruments SN75LVDS386 Datasheet HTML 5Page - Texas Instruments SN75LVDS386 Datasheet HTML 6Page - Texas Instruments SN75LVDS386 Datasheet HTML 7Page - Texas Instruments SN75LVDS386 Datasheet HTML 8Page - Texas Instruments SN75LVDS386 Datasheet HTML 9Page - Texas Instruments SN75LVDS386 Datasheet HTML 10Page - Texas Instruments SN75LVDS386 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
VIB
VID
VIA
VO
CL
10 pF
VOH
VOL
1.5 V
VO
VIA
VIB
VID
1.4 V
1 V
0.4 V
0 V
–0.4 V
tPHL
tPLH
tr
tf
20%
80%
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10
± 0.2 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 2. Timing Test Circuit and Wave Forms
7


Similar Part No. - SN75LVDS386

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS386 TI-SN75LVDS386 Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386 TI-SN75LVDS386 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
806Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS386

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com