Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABSK18S Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # ABSK18S
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ABSK18S Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  ABSK18S Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ABSK18S Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ABSK18S Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ABSK18S Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSK12S THRU ABSK110S 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S008
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Bridge Rectifiers
Features
● UL recognition, file #E313149
● Ideal for automated placement
● High surge current capability
● Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
● Schottky chip
Typical Applications
General purpose use in high frequency bridge full wave
rectification for SMPS, lighting ballast, adapter, battery charger,
home appliances, office equipment, and telecommunication
applications.
Mechanical Data
Package: ABS
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, Halogen free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body 
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
ABSK12S
ABSK14S
ABSK16S
ABSK18S
ABSK110S
Device marking code
ABSK12S
ABSK14S
ABSK16S
ABSK18S
ABSK110S
Repetitive peak reverse voltage
VRRM
V
20
40
60
80
100
Average rectified output current
@60Hz sine wave, R-load, Ta=40℃,on Alumina
Substrate
IO
A
1
Surge(non-repetitive)forward current
@60 Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
30
Current squared time
@1ms≤t≤8.3ms Tj=25℃,Rating of per diode
I
2t
A
2s
3.7
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
ABSK12S
ABSK14S
ABSK16S
ABSK18S
ABSK110S
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=0.5A
0.55
0.65
0.85
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
mA VRM=VRRM
0.5
COMPLIANT
RoHS
 


Similar Part No. - ABSK18S

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ABSK210S YANGJIE-ABSK210S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
logo
SAMYANG ELECTRONICS CO....
ABSK210S SAMYANG-ABSK210S Datasheet
1Mb / 3P
   Schottky Bridge Rectifiers
logo
Yangzhou yangjie electr...
ABSK22S YANGJIE-ABSK22S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
logo
SAMYANG ELECTRONICS CO....
ABSK22S SAMYANG-ABSK22S Datasheet
1Mb / 3P
   Schottky Bridge Rectifiers
logo
Yangzhou yangjie electr...
ABSK24S YANGJIE-ABSK24S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
More results

Similar Description - ABSK18S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com