Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1360ANG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA1360ANG
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360ANG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1360ANG Datasheet HTML 4Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 5Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 6Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 7Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 8Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 9Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 10Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 11Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
TA1360ANG
2003-01-21
8
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
28
DAC1
(SYNC OUT)
Outputs 1-bit DAC or separated
SYNC.
Open-collector output.
DC or SYNC OUT
29
I
2L VDD
VDD pin for I
2L block. Connects 2
V (typ.).
Supply power via zener diode
through resistor from pin 19. (See
“Application Circuit”.)
30
SCL
SCL pin for I
2C BUS
31
SDA
SDA pin for I
2C BUS
32
I
2L GND
GND pin for I
2L block
33
34
35
ANALOG B IN
ANALOG G IN
ANALOG R IN
Inputs analog R/G/B signal via
clamp capacitor.
100 IRE: 0.7 Vp-p (not including
sync)
36
DAC2
(ACB pulse)
Outputs 1-bit DAC or pulse over
ACB period.
Open-collector output.
DC or ACB PULSE
19
30
5 k
25
SCL
32
19
31
32
5 k
25
SDA
50
ACK
40
36
44
500
19
25
28
500
32
40
44
1 k
33
34
35
1 k
1 k


Similar Part No. - TA1360ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Similar Description - TA1360ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com