Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2010FR-071RL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AA2010FR-071RL
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA2010FR-071RL Datasheet(HTML) 4 Page - YAGEO Corporation

  AA2010FR-071RL Datasheet HTML 1Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 2Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 3Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 4Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 5Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 6Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 7Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 8Page - YAGEO Corporation AA2010FR-071RL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08, 2015 V.3
Product specification
4
10
SERIES
AA
0201 to 2512
Fig. 8 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
C
CO
ON
NS
ST
TR
RU
UC
CT
TIIO
ON
N
The resistors are constructed on top of an automotive
grade ceramic body. Internal metal electrodes are
added at each end and connected by a resistive glaze.
The resistive glaze is covered by a lead-free glass.
The composition of the glaze is adjusted to give the
approximately required resistance value and laser
trimming of this resistive glaze achieves the value within
tolerance. The whole element is covered by a protective
overcoat. Size 0603 and bigger is marked with the
resistance value on top. Finally, the two external
terminations (Ni / matte tin) are added, as shown in Fig.8.
AA1218
Fig. 9 Chip resistor dimensions
For dimension, please refer to Table 1
AA0603/0805/1206/
1210/2010/2512
Side view for all type
AA0201 / AA0402
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
AA0201
0.60 ±0.03
0.30 ±0.03
0.23 ±0.03
0.12 ±0.05
0.15 ±0.05
AA0402
1.00 ±0.05
0.50 ±0.05
0.32 ±0.05
0.20 ± 0.10
0.25 ±0.10
AA0603
1.60 ±0.10
0.80 ±0.10
0.45 ±0.10
0.25 ± 0.15
0.25 ±0.15
AA0805
2.00 ±0.10
1.25 ±0.10
0.50 ±0.10
0.35 ± 0.20
0.35 ±0.20
AA1206
3.10 ±0.10
1.60 ±0.10
0.55 ±0.10
0.45 ± 0.20
0.40 ±0.20
AA1210
3.10 ±0.10
2.60 ±0.15
0.50 ±0.10
0.45 ± 0.15
0.50 ±0.20
AA1218
3.10 ±0.10
4.60 ±0.10
0.55 ±0.10
0.45 ± 0.20
0.40 ±0.20
AA2010
5.00 ±0.10
2.50 ±0.15
0.55 ±0.10
0.55 ± 0.15
0.50 ±0.20
AA2512
6.35 ±0.10
3.10 ±0.15
0.55 ±0.10
0.60 ±0.20
0.50 ±0.20
Table 1 For outlines, please refer to Fig. 9
D
DIIM
ME
EN
NS
SIIO
ON
NS
S


Similar Part No. - AA2010FR-071RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA2010FR-071R YAGEO-AA2010FR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA2010FR-071R5 YAGEO-AA2010FR-071R5 Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA2010FR-071RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com