Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8947J Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8947J
Description  4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8947J Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8947J Datasheet HTML 10Page - NXP Semiconductors TDA8947J Datasheet HTML 11Page - NXP Semiconductors TDA8947J Datasheet HTML 12Page - NXP Semiconductors TDA8947J Datasheet HTML 13Page - NXP Semiconductors TDA8947J Datasheet HTML 14Page - NXP Semiconductors TDA8947J Datasheet HTML 15Page - NXP Semiconductors TDA8947J Datasheet HTML 16Page - NXP Semiconductors TDA8947J Datasheet HTML 17Page - NXP Semiconductors TDA8947J Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Philips Semiconductors
TDA8947J
4-channel audio amplifier
Preliminary data
Rev. 01 — 06 February 2004
14 of 24
9397 750 10779
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VCC =18V; RL =4 Ω.VCC = 18 V; RL =8 Ω.
a.
SE
b.
BTL
Fig 10. Channel separation as function of frequency (no bandpass filter applied).
−100
0
−80
−60
−40
−20
MCE495
10
α
cs
(dB)
f (Hz)
102
103
104
105
−100
0
−80
−60
−40
−20
MCE496
10
α
cs
(dB)
f (Hz)
102
103
104
105
VCC =18V; Rsource =0 Ω; Vripple = 300 mV (RMS).
A bandpass filter of 20 Hz to 22 kHz has been applied.
Inputs short-circuited.
VCC = 18 V; Rsource =0 Ω; Vripple = 300 mV (RMS).
A bandpass filter of 20 Hz to 22 kHz has been applied.
Inputs short-circuited.
a.
SE
b.
BTL
Fig 11. Supply voltage ripple rejection as function of frequency.
−80
−60
−40
−20
0
MCE497
10
SVRR
(dB)
f (Hz)
102
103
104
105
−80
−60
−40
−20
0
MCE498
10
SVRR
(dB)
f (Hz)
102
103
104
105


Similar Part No. - TDA8947J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8941 PHILIPS-TDA8941 Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942 PHILIPS-TDA8942 Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943 PHILIPS-TDA8943 Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
More results

Similar Description - TDA8947J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com