Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1040 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS1040
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS1040 Datasheet HTML 3Page - Texas Instruments THS1040 Datasheet HTML 4Page - Texas Instruments THS1040 Datasheet HTML 5Page - Texas Instruments THS1040 Datasheet HTML 6Page - Texas Instruments THS1040 Datasheet HTML 7Page - Texas Instruments THS1040 Datasheet HTML 8Page - Texas Instruments THS1040 Datasheet HTML 9Page - Texas Instruments THS1040 Datasheet HTML 10Page - Texas Instruments THS1040 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
7
www.ti.com
PARAMETER MEASUREMENT INFORMATION
See
Note A
NOTE A: All timing measurements are based on 50% of edge transition.
Analog
Input
Input Clock
Digital
Output
Sample 1
Sample 2
Sample 3
Sample 4
Sample 5
tc
tw(CKH)
tw(CKL)
td(o)
(I/O Pad Delay or
Propagation Delay)
Pipeline Latency
Sample 1
Sample 2
Sample 6
OE
td(DEN)
td(DZ)
Sample 7
Figure 1. Digital Output Timing Diagram


Similar Part No. - THS1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1040C TI1-THS1040C Datasheet
994Kb / 33P
[Old version datasheet]   CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDW TI1-THS1040CDW Datasheet
994Kb / 33P
[Old version datasheet]   CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDWG4 TI1-THS1040CDWG4 Datasheet
994Kb / 33P
[Old version datasheet]   CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CDWR TI1-THS1040CDWR Datasheet
994Kb / 33P
[Old version datasheet]   CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040CPW TI1-THS1040CPW Datasheet
994Kb / 33P
[Old version datasheet]   CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203W AD-AD9203W Datasheet
134Kb / 8P
   10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com