Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4484G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4484G
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4484G Datasheet HTML 1Page - Infineon Technologies AG TLE4484G Datasheet HTML 2Page - Infineon Technologies AG TLE4484G Datasheet HTML 3Page - Infineon Technologies AG TLE4484G Datasheet HTML 4Page - Infineon Technologies AG TLE4484G Datasheet HTML 5Page - Infineon Technologies AG TLE4484G Datasheet HTML 6Page - Infineon Technologies AG TLE4484G Datasheet HTML 7Page - Infineon Technologies AG TLE4484G Datasheet HTML 8Page - Infineon Technologies AG TLE4484G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet Rev. 1.0
5
2000-08-04
TLE 4484
Note: In the operating range, the functions given in the circuit description are fulfilled.
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Output Q5 input voltage
V
I1
6.5
45
V
Output Q15 input voltage
V
I1
16.5
45
V
Junction temperature
T
j
– 40
150
°C–
Thermal Resistances
Junction ambient
R
th,j-a
165
K/W
zero airflow, zero
heat sink area


Similar Part No. - TLE4484G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
   Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
Siemens Semiconductor G...
TLE4470G SIEMENS-TLE4470G Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4470G INFINEON-TLE4470G Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
More results

Similar Description - TLE4484G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
   5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
   5-V Voltage Regulator
Version 1.3 2001-09-12
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
   5-V Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
   5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
   5.1 V and 8 V dual voltage regulator with disable and reset functions
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com