Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT137B-600F Datasheet(PDF) 11 Page - Teccor Electronics

Part # BT137B-600F
Description  Thyristor Product Catalog
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

BT137B-600F Datasheet(HTML) 11 Page - Teccor Electronics

Back Button BT137B-600F Datasheet HTML 7Page - Teccor Electronics BT137B-600F Datasheet HTML 8Page - Teccor Electronics BT137B-600F Datasheet HTML 9Page - Teccor Electronics BT137B-600F Datasheet HTML 10Page - Teccor Electronics BT137B-600F Datasheet HTML 11Page - Teccor Electronics BT137B-600F Datasheet HTML 12Page - Teccor Electronics BT137B-600F Datasheet HTML 13Page - Teccor Electronics BT137B-600F Datasheet HTML 14Page - Teccor Electronics BT137B-600F Datasheet HTML 15Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 223 page
background image
©2002 Teccor Electronics
P - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Description of Part Numbers
SCR
Rectifier
Diac
Sidac
S
20
08
F12
Device Type
S = Non-sensitive SCR
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
80 = 800 V
K0 = 1000 V
Current Rating
01 = 1 A
06 = 6 A
08 = 8 A
10 = 10 A
12 = 12 A
15 = 15 A
16 = 16 A
20 = 20 A
25 = 25 A
35 = 35 A
55 = 55 A
65 = 65 A
70 = 70 A
Package Type
D = TO-252 (Surface Mount)
E = TO-92 (Isolated)
F = TO-202 (Non-isolated)
J = TO-218X (Isolated)
K = TO-218 (Isolated)
L = TO-220 (Isolated)
M = TO-218 (Non-isolated)
N = TO-263 (Surface Mount)
R = TO-220 (Non-isolated)
V = TO-251 (Non-isolated)
W = TO-218X (Non-isolated)
Lead Form Dimensions
TO-202
TO-220
TO-92
TO-218X
TO-218
X
Special Options
V = 4000 V Isolation
(TO-220 Package Only)
D
20
15
L55
Device Type
D = Rectifier
Voltage Rating
20 = 200 V
40 = 400 V
60 = 600 V
80 = 800 V
K0 = 1000 V
Current Rating
15 = 15 A
20 = 20 A
25 = 25 A
Package Type
L = TO-220 (Isolated)
Lead Form Dimensions
TO-220
V
Special Options
V = 4000 V Isolation
HT
32
91
Device Type
HT = Diac Trigger in DO-35
ST = Diac Trigger in DO-214
Lead Form Dimensions
DO-35
Voltage Rating
32 = 27 V to 37 V
35 = 30 V to 40 V
40 = 35 V to 45 V
32A / 5761 = 28 V to 36 V
32B / 5761A = 30 V to 34 V
34B = 32 V to 36 V
36A / 5762 = 32 V to 40 V
36B = 34 V to 38 V
K
105
0
E70
Device Type
K = Sidac
Voltage Rating
105 = 95 V to 113 V
110 = 104 V to 118 V
120 = 110 V to 125 V
130 = 120 V to 138 V
140 = 130 V to 146 V
150 = 140 V to 170 V
200 = 190 V to 215 V
220 = 205 V to 230 V
240 = 220 V to 250 V
250 = 240 V to 280 V
300 = 270 V to 330 V
Current Rating
0 = 1 A
Package Type
E = TO-92 (Isolated)
F = TO-202 (Non-islolated)
G = DO-15X (Isolated)
S = DO-214 (Surface Mount)
Lead Form Dimensions
TO-202
TO-92


Similar Part No. - BT137B-600F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137B-600F PHILIPS-BT137B-600F Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
logo
WeEn Semiconductors
BT137B-600F WEEN-BT137B-600F Datasheet
281Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BT137B-600F ISC-BT137B-600F Datasheet
226Kb / 2P
   isc Thyristors
More results

Similar Description - BT137B-600F

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com