Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT137B-600F Datasheet(PDF) 36 Page - Teccor Electronics

Part # BT137B-600F
Description  Thyristor Product Catalog
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

BT137B-600F Datasheet(HTML) 36 Page - Teccor Electronics

Back Button BT137B-600F Datasheet HTML 32Page - Teccor Electronics BT137B-600F Datasheet HTML 33Page - Teccor Electronics BT137B-600F Datasheet HTML 34Page - Teccor Electronics BT137B-600F Datasheet HTML 35Page - Teccor Electronics BT137B-600F Datasheet HTML 36Page - Teccor Electronics BT137B-600F Datasheet HTML 37Page - Teccor Electronics BT137B-600F Datasheet HTML 38Page - Teccor Electronics BT137B-600F Datasheet HTML 39Page - Teccor Electronics BT137B-600F Datasheet HTML 40Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 223 page
background image
Triacs
Data Sheets
http://www.teccor.com
E2 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E2.7 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E2.8 On-state Current versus On-state Voltage (Typical)
(0.8 A and 1 A)
Figure E2.9 On-state Current versus On-state Voltage (Typical)
(4 A, 6 A, 8 A, and 10 A)
Figure E2.10 On-state Current versus On-state Voltage (Typical)
(15 A and 25 A)
Figure E2.11 Normalized DC Gate Trigger Current for All Quadrants
versus Case Temperature
Figure E2.12 Normalized DC Gate Trigger Voltage for All Quadrants
versus Case Temperature
120
100
80
60
40
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TO-220 Devices and
TO-202 (Type 1 and 3)
RMS On-state Current [IT (RMS)] — Amps
1 A TO-92
0.8 A TO-92
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-202 (TYPE 2 and 4)
TO-251
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
1 A
0.8 A
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
16
18
20
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
6-10 A
4A
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
10
20
30
40
50
60
70
80
90
Positive or Negative Instantaneous On-state Voltage (v
T) – Volts
T
C = 25 ˚C
15 A and 25 A
15 A and 25 A Fastpak
-65
-40
-15
+25
+65
+125
1.0
2.0
3.0
4.0
Case Temperature (T
C) – ˚C
-65
-15
-40
+25
+65
+125
0
.5
1.0
1.5
2.0
Case Temperature (TC) – ˚C


Similar Part No. - BT137B-600F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137B-600F PHILIPS-BT137B-600F Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
logo
WeEn Semiconductors
BT137B-600F WEEN-BT137B-600F Datasheet
281Kb / 13P
   4Q Triac
logo
Inchange Semiconductor ...
BT137B-600F ISC-BT137B-600F Datasheet
226Kb / 2P
   isc Thyristors
More results

Similar Description - BT137B-600F

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com