Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106M016HBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TM8R106M016HBA
Description  Solid Tantalum Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106M016HBA Datasheet(HTML) 1 Page - Vishay Siliconix

  TM8R106M016HBA Datasheet HTML 1Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 2Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 3Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 4Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 5Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 6Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 7Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 8Page - Vishay Siliconix TM8R106M016HBA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TM8
www.vishay.com
Vishay Sprague
Revision: 09-Mar-17
1
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors
MICROTAN® High Reliability, Low DC Leakage, Leadframeless Molded
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40170
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.33 μF to 47 μF
Capacitance Tolerance: ± 10 % and ± 20 % standard
Voltage Range: 2 VDC to 40 VDC
FEATURES
• High reliability solid surface mount tantalum
capacitors
• Low DC leakage for extended battery life
• Small sizes for space constrained applications
• L-shaped face-down terminations for superior board
mounting
• Suitable
for
medical
implantable
applications
with
additional screening
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Available
Available
ORDERING INFORMATION
TM8
R
106
M
016
E
B
A
MODEL
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION /
PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Codes
table
This is
expressed in
picofarads.
The first two
digits are the
significant
figures. The
third is the
number of
zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed
in volts. To complete
the three-digit block,
zeros precede the
voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
Sn / Pb solder
E = 7" (178 mm) reels
L = 7" (178 mm) reels,
½ reel
R = 7" (178 mm)
300 pcs. qty.
100 % tin
C = 7" (178 mm) reels
H = 7" (178 mm) reels,
½ reel
U = 7" (178 mm)
300 pcs. qty.
Gold
A = 7" (178 mm) reels
G = 7" (178 mm) reels,
½ reel
P = 7" (178 mm)
300 pcs. qty.
B = 0.1 %
weibull FRL
S = hi-rel std.
(40 h burn-in)
Z = non-
established
reliability
A = 10 cycles
at 25 °C
B = 10 cycles
at -55 °C /
+85 °C
Z = none


Similar Part No. - TM8R106M016HBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106M016CBA VISHAY-TM8R106M016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106M016CBB VISHAY-TM8R106M016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106M016CSA VISHAY-TM8R106M016CSA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106M016CSB VISHAY-TM8R106M016CSB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106M016CZA VISHAY-TM8R106M016CZA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8R106M016HBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com