Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCSC0J226TRF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TMCSC0J226TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSC0J226TRF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TMCSC0J226TRF Datasheet HTML 2Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 3Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 4Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 5Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 6Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 7Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 8Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 9Page - Vishay Siliconix TMCSC0J226TRF Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Molded Guide
www.vishay.com
Vishay Polytech
Revision: 11-Apr-16
2
Document Number: 40218
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID ELECTROLYTE TANTALUM CAPACITORS
Solid electrolyte capacitors contain manganese dioxide,
which is formed on the tantalum pentoxide dielectric layer
by impregnating the pellet with a solution of manganous
nitrate. The pellet is then heated in an oven, and the
manganous nitrate is converted to manganese dioxide.
The pellet is next coated with graphite, followed by a layer
of metallic silver, which provides a conductive surface
between the pellet and the leadframe.
Molded chip tantalum capacitor encases the element in
plastic resins, such as epoxy materials. After assembly, the
capacitors are tested and inspected to assure long life and
reliability. It offers excellent reliability and high stability for
consumer and commercial electronics with the added
feature of low cost.
Surface mount designs of “Solid Tantalum” capacitors use
lead frames as shown in the accompanying drawings.
TANTALUM CAPACITORS FOR ALL DESIGN
CONSIDERATIONS
Solid electrolyte designs are the least expensive for a given
rating and are used in many applications where their very
small size for a given unit of capacitance is of importance.
Also important are their good low temperature performance
characteristics and freedom from corrosive electrolytes.
Datasheets covering the various types and styles of
capacitors for consumer and entertainment electronics and
industry
applications
are
available
where
detailed
performance characteristics must be specified.
MOLDED CHIP CAPACITOR, ALL TYPES EXCEPT TMCTX / TMCJ / NMC
MOLDED CHIP CAPACITOR WITH BUILT-IN FUSE, TYPE TMCTX
MOLDED CHIP CAPACITOR 0603 SIZE, TYPE TMCJ
Sintered tantalum
MnO
2
Carbon / silver coating
Epoxy encapsulation
Tantalum wire
Supporter
Silver adhesive
Solderable cathode termination
Solderable anode termination
Leadframe
Tantalum wire
Epoxy encapsulation
Leadframe
Solderable anode termination
Solderable cathode termination
Fusible ribbon
Carbon / silver coating
Sintered tantalum
Supporter
Silver adhesive
MnO
2
Epoxy encapsulation
Solderable anode termination
Solderable cathode termination
Leadframe
Silver adhesive
Sintered tantalum
MnO
2
Carbon / silver coating
Tantalum wire


Similar Part No. - TMCSC0J226TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSC0J226 HITACHI-TMCSC0J226 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
HolyStone International
TMCSC0J226 HOLYSTONECAPS-TMCSC0J226 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCSC0J226TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com