Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X9004A6U Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 194D225X9004A6U
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X9004A6U Datasheet(HTML) 2 Page - Vishay Siliconix

  194D225X9004A6U Datasheet HTML 1Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 2Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 3Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 4Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 5Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 6Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 7Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 8Page - Vishay Siliconix 194D225X9004A6U Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
194D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6 V
10 V
15 V
20 V
25 V
35 V
50 V
0.10
AAA
0.15
AA
0.22
AB
0.33
AA / B
B
0.47
AA / B
B
C
0.68
A
A / B
B
C
D
1.0
A
A / B
A / B
A / B / C
D
E
1.5
A
A / B
A / B
B / C
D
E
F
2.2
A
A / B
A / B
A / B / C
C / D
E
F
F
3.3
A / B
A / B
A / B / C
B / C / D
D / E
E / F
F
G
4.7
B
A / B / C
B / C / D
B / D / E
E / F
F
F / G
H
6.8
B / C
C / D
D / E
E / F
E / F
F / G
G / H
H
10
C / D
B / D / E
B / C / E / F
E / F
E / F / G
F / G
G / H
15
D / E
E / F
E / F
F / G
F / G
G / H
H
22
E / F
F
F / G
F / G
G / H
G / H
33
F
F / G
F / G
F / G / H
H
H
47
F / G
F / G
F / G / H
G / H
68
F / G
G / H / F
H
H
100
H
G / H
G / H
H
120
H
H
H
150
H
H
H
220
H
330
H
H
MARKING AND POLARITY
Conformal coated capacitors have no marking on capacitor body.
Rating and date code information is provided on the reel label.
Negative end cap or termination is identified by black epoxy.
Positive end cap or termination is sealed with pink epoxy, in addition
to the weld projection.
Cathode
termination
Black epoxy
Pink epoxy
Anode
termination


Similar Part No. - 194D225X9004A6U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X9004A2T VISHAY-194D225X9004A2T Datasheet
167Kb / 9P
   Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Revision 05-Jul-02
194D225X9004A7T VISHAY-194D225X9004A7T Datasheet
167Kb / 9P
   Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Revision 05-Jul-02
194D225X9004A8T VISHAY-194D225X9004A8T Datasheet
167Kb / 9P
   Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Revision 05-Jul-02
More results

Similar Description - 194D225X9004A6U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com