Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCUB0E157TRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCUB0E157TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCUB0E157TRF Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCUB0E157TRF Datasheet HTML 1Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 2Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 3Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 4Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 5Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 6Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 7Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 8Page - Vishay Siliconix TMCUB0E157TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TMCU
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40180
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
2.5 VDC AT +85 °C; 1.6 VDC AT +125 °C
15
UA
TMCUA0E156(1)TRF
0.5
8
3.0
0.161
22
UA
TMCUA0E226(1)TRF
0.6
8
1.8
0.208
33
UA
TMCUA0E336(1)TRF
1.7
12
1.8
0.208
33
UB
TMCUB0E336(1)TRF
0.8
12
1.7
0.238
47
UA
TMCUA0E476(1)TRF
2.4
18
1.8
0.208
47
UB
TMCUB0E476(1)TRF
1.2
12
1.7
0.238
68
UB
TMCUB0E686(1)TRF
1.7
15
1.7
0.238
100
UB
TMCUB0E107(1)TRF
5.0
20
1.1
0.295
150
UB
TMCUB0E157(1)TRF
7.5
30
1.1
0.295
220
UB
TMCUB0E227(1)TRF
11.0
30
1.1
0.295
4 VDC AT +85 °C; 2.5 VDC AT +125 °C
15
UA
TMCUA0G156(1)TRF
0.6
8
3.0
0.161
22
UA
TMCUA0G226(1)TRF
0.9
8
1.8
0.208
33
UA
TMCUA0G336(1)TRF
2.6
12
1.8
0.208
33
UB
TMCUB0G336(1)TRF
1.3
12
1.7
0.238
47
UA
TMCUA0G476(1)TRF
3.8
18
1.8
0.208
47
UB
TMCUB0G476(1)TRF
1.9
12
1.7
0.238
68
UA
TMCUA0G686(1)TRF
5.4
30
4.0
0.140
68
UB
TMCUB0G686(1)TRF
2.7
15
1.7
0.238
100
UA
TMCUA0G107MTRF
20.0
30
2.9
0.164
100
UB
TMCUB0G107(1)TRF
8.0
20
1.1
0.295
150
UB
TMCUB0G157(1)TRF
12.0
30
1.1
0.295
220
UB
TMCUB0G227MTRF
17.6
30
1.1
0.295
6.3 VDC (7 VDC) AT +85 °C; 4 VDC AT +125 °C
10
UA
TMCUA0J106(1)TRF
0.7
8
4.0
0.140
15
UA
TMCUA0J156(1)TRF
1.1
8
2.9
0.164
22
UA
TMCUA0J226(1)TRF
2.8
12
2.9
0.164
22
UB
TMCUB0J226(1)TRF
1.4
10
1.7
0.238
33
UA
TMCUA0J336(1)TRF
4.2
20
2.9
0.164
33
UB
TMCUB0J336(1)TRF
2.3
10
1.7
0.238
47
UA
TMCUA0J476MTRF
5.9
20
2.9
0.164
47
UB
TMCUB0J476(1)TRF
3.3
12
1.7
0.238
68
UB
TMCUB0J686(1)TRF
8.6
20
1.7
0.238
100
UB
TMCUB0J107MTRF
12.6
20
1.1
0.295
Notes
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”
•Termination code “F”:
Case UA: 100 % tin; case UB: Ni / Pd / Au


Similar Part No. - TMCUB0E157TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCUB0E157 HOLYSTONECAPS-TMCUB0E157 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCUB0E157TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com